Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ADC0804
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804 Datasheet(HTML) 5 Page - Intersil Corporation

  ADC0804 Datasheet HTML 1Page - Intersil Corporation ADC0804 Datasheet HTML 2Page - Intersil Corporation ADC0804 Datasheet HTML 3Page - Intersil Corporation ADC0804 Datasheet HTML 4Page - Intersil Corporation ADC0804 Datasheet HTML 5Page - Intersil Corporation ADC0804 Datasheet HTML 6Page - Intersil Corporation ADC0804 Datasheet HTML 7Page - Intersil Corporation ADC0804 Datasheet HTML 8Page - Intersil Corporation ADC0804 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
6-9
Logic “1” Output Voltage, VOH
lO = -360µA, V+ = 4.75V
2.4
-
-
V
Three-State Disabled Output
Leakage (All Data Buffers), ILO
VOUT = 0V
-3
-
-
µA
VOUT = 5V
-
-
3
µA
Output Short Circuit Current,
ISOURCE
VOUT Short to Gnd TA = 25
oC
4.5
6
-
mA
Output Short Circuit Current,
ISINK
VOUT Short to V+ TA = 25
oC
9.0
16
-
mA
NOTES:
1. All voltages are measured with respect to GND, unless otherwise specified. The separate AGND point should always be wired to the
DGND, being careful to avoid ground loops.
2. For VIN(-) ≥ VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Block Diagram) which
will forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the V+ supply. Be careful,
during testing at low V+ levels (4.5V), as high level analog inputs (5V) can cause this input diode to conduct - especially at elevated tem-
peratures, and cause errors for analog inputs near full scale. As long as the analog VIN does not exceed the supply voltage by more than
50mV, the output code will be correct. To achieve an absolute 0V to 5V input voltage range will therefore require a minimum supply volt-
age of 4.950V over temperature variations, initial tolerance and loading.
3. With V+ = 6V, the digital logic interfaces are no longer TTL compatible.
4. With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the conversion
process.
5. The CS input is assumed to bracket the WR strobe input so that timing is dependent on the WR pulse width. An arbitrarily wide pulse
width will hold the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse (see
Timing Diagrams).
6. CLK IN (pin 4) is the input of a Schmitt trigger circuit and is therefore specified separately.
7. None of these A/Ds requires a zero-adjust. However, if an all zero code is desired for an analog input other than 0V, or if a narrow full scale span
exists (for example: 0.5V to 4V full scale) the VIN(-) input can be adjusted to achieve this. See the Zero Error description in this data sheet.
Electrical Specifications
(Notes 1, 7) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Timing Waveforms
FIGURE 1A. t1H
FIGURE 1B. t1H, CL = 10pF
FIGURE 1C. t0H
FIGURE 1D. t0H, CL = 10pF
FIGURE 1. THREE-STATE CIRCUITS AND WAVEFORMS
10K
V+
RD
CS
CL
DATA
OUTPUT
RD
2.4V
tr
90%
50%
10%
t1H
0.8V
DATA
OUTPUTS
GND
tr = 20ns
VOH
90%
10K
V+
RD
CS
CL
DATA
OUTPUT
V+
RD
2.4V
tr
90%
50%
10%
t0H
0.8V
DATA
OUTPUTS
VOI
tr = 20ns
V+
10%
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com