Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 15 Page - Intersil Corporation

Part # ADC0804
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ADC0804 Datasheet HTML 8Page - Intersil Corporation ADC0804 Datasheet HTML 9Page - Intersil Corporation ADC0804 Datasheet HTML 10Page - Intersil Corporation ADC0804 Datasheet HTML 11Page - Intersil Corporation ADC0804 Datasheet HTML 12Page - Intersil Corporation ADC0804 Datasheet HTML 13Page - Intersil Corporation ADC0804 Datasheet HTML 14Page - Intersil Corporation ADC0804 Datasheet HTML 15Page - Intersil Corporation ADC0804 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6-19
FIGURE 22. MAPPING THE A/D AS AN
I/O DEVICE FOR USE
WITH THE Z-80 CPU
FIGURE 23. ADC0802 TO MC6800 CPU INTERFACE
FIGURE 24. ADC0802 TO MC6820 PIA INTERFACE
WR
RD
IORQ
RD
WR
74C32
ADC0802-
ADC0804
3
2
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0802 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V (8)
10
µF
+
ANALOG
INPUTS
150pF
MSB
LSB
D1 (32) [29]
D0 (33) [31]
D4 (29) [32]
D3 (30) [H]
D2 (31) [K]
D7 (26) [J]
D6 (27) [L]
D5 (28) [30]
A12 (22) [34]
A13 (23) [N]
A14 (24) [M]
A15 (25) [33]
VMA (5) [F]
IRQ (4)
† [D]††
R/W (34) [6]
1
2
3
4
5
6
1/
2 DM8092
A B C
1 2 3
† Numbers in parentheses refer to MC6800 CPU Pinout.
†† Numbers or letters in brackets refer to standard MC6800 System Common Bus Code.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0802 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V
ANALOG
INPUTS
150pF
MSB
LSB
11
10
14
13
12
17
16
15
PB1
PB0
PB4
PB3
PB2
PB7
PB6
PB5
MC6820
(MCS6520)
PIA
CB2
CB1
19
18
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com