Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ADC0804
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ADC0804 Datasheet HTML 6Page - Intersil Corporation ADC0804 Datasheet HTML 7Page - Intersil Corporation ADC0804 Datasheet HTML 8Page - Intersil Corporation ADC0804 Datasheet HTML 9Page - Intersil Corporation ADC0804 Datasheet HTML 10Page - Intersil Corporation ADC0804 Datasheet HTML 11Page - Intersil Corporation ADC0804 Datasheet HTML 12Page - Intersil Corporation ADC0804 Datasheet HTML 13Page - Intersil Corporation ADC0804 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6-14
Input Source Resistance
Large values of source resistance where an input bypass
capacitor is not used will not cause errors since the input
currents settle out prior to the comparison time. If a low-
pass filter is required in the system, use a low-value series
resistor (
≤1kΩ) for a passive RC section or add an op amp
RC
active
low-pass
filter.
For
low-source-resistance
applications (
≤1kΩ), a 0.1µF bypass capacitor at the inputs
will minimize EMI due to the series lead inductance of a long
wire. A 100
Ω series resistor can be used to isolate this
capacitor (both the R and C are placed outside the feedback
loop) from the output of an op amp, if used.
Stray Pickup
The leads to the analog inputs (pins 6 and 7) should be kept
as short as possible to minimize stray signal pickup (EMI).
Both EMI and undesired digital-clock coupling to these inputs
can cause system errors. The source resistance for these
inputs should, in general, be kept below 5k
Ω. Larger values of
source resistance can cause undesired signal pickup. Input
bypass capacitors, placed from the analog inputs to ground,
will eliminate this pickup but can create analog scale errors as
these capacitors will average the transient input switching cur-
rents of the A/D (see Analog Input Current). This scale error
depends on both a large source resistance and the use of an
input bypass capacitor. This error can be compensated by a
full scale adjustment of the A/D (see Full Scale Adjustment)
with the source resistance and input bypass capacitor in
place, and the desired conversion rate.
Reference Voltage Span Adjust
For maximum application flexibility, these A/Ds have been
designed to accommodate a 5V, 2.5V or an adjusted voltage
reference. This has been achieved in the design of the IC as
shown in Figure 12.
Notice that the reference voltage for the IC is either 1/2 of the
voltage which is applied to the V+ supply pin, or is equal to
the voltage which is externally forced at the VREF/2 pin. This
allows for a pseudo-ratiometric voltage reference using, for
the V+ supply, a 5V reference voltage. Alternatively, a volt-
age less than 2.5V can be applied to the VREF/2 input. The
internal gain to the VREF/2 input is 2 to allow this factor of 2
reduction in the reference voltage.
Such an adjusted reference voltage can accommodate a
reduced span or dynamic voltage range of the analog input
voltage. If the analog input voltage were to range from 0.5V to
3.5V, instead of 0V to 5V, the span would be 3V. With 0.5V
applied to the VlN(-) pin to absorb the offset, the reference
voltage can be made equal to 1/2 of the 3V span or 1.5V. The
A/D now will encode the VlN(+) signal from 0.5V to 3.5V with
the 0.5V input corresponding to zero and the 3.5V input corre-
sponding to full scale. The full 8 bits of resolution are therefore
applied over this reduced analog input voltage range. The req-
uisite connections are shown in Figure 13. For expanded
scale inputs, the circuits of Figures 14 and 15 can be used.
FIGURE 12. THE VREFERENCE DESIGN ON THE IC
FIGURE 13. OFFSETTING THE ZERO OF THE ADC0802 AND
PERFORMING AN INPUT RANGE (SPAN)
ADJUSTMENT
FIGURE 14. HANDLING
±10V ANALOG INPUT RANGE
V+
DGND
VREF/2
AGND
(VREF)
R
R
DIGITAL
CIRCUITS
ANALOG
CIRCUITS
9
810
20
DECODE
300
TO VREF/2
TO VIN(-)
ZERO SHIFT VOLTAGE
0.1
µF
5V
-
+
VREF
(5V)
FS
ADJ.
“SPAN”/2
ICL7611
VIN(-)
2R
5V
2R
VIN ± 10V
R
VIN(+)
(VREF)
V+
20
10
µF
6
7
+
ADC0802-
ADC0804
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com