Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ADC0804
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804 Datasheet(HTML) 1 Page - Intersil Corporation

  ADC0804 Datasheet HTML 1Page - Intersil Corporation ADC0804 Datasheet HTML 2Page - Intersil Corporation ADC0804 Datasheet HTML 3Page - Intersil Corporation ADC0804 Datasheet HTML 4Page - Intersil Corporation ADC0804 Datasheet HTML 5Page - Intersil Corporation ADC0804 Datasheet HTML 6Page - Intersil Corporation ADC0804 Datasheet HTML 7Page - Intersil Corporation ADC0804 Datasheet HTML 8Page - Intersil Corporation ADC0804 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6-5
Features
• 80C48 and 80C80/85 Bus Compatible - No Interfacing
Logic Required
• Conversion Time < 100
µs
• Easy Interface to Most Microprocessors
• Will Operate in a “Stand Alone” Mode
• Differential Analog Voltage Inputs
• Works with Bandgap Voltage References
• TTL Compatible Inputs and Outputs
• On-Chip Clock Generator
• 0V to 5V Analog Voltage Input Range (Single + 5V Supply)
• No Zero-Adjust Required
Description
The ADC0802 family are CMOS 8-Bit, successive-approxi-
mation A/D converters which use a modified potentiometric
ladder and are designed to operate with the 8080A control
bus via three-state outputs. These converters appear to the
processor as memory locations or I/O ports, and hence no
interfacing logic is required.
The differential analog voltage input has good common-
mode-rejection and permits offsetting the analog zero-input-
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.
Ordering Information
PART NUMBER
ERROR
EXTERNAL CONDITIONS
TEMP. RANGE (oC)
PACKAGE
PKG. NO
ADC0802LCN
±1/2 LSB
VREF/2 = 2.500VDC (No Adjustments)
0 to 70
20 Ld PDIP
E20.3
ADC0802LCD
±3/4 LSB
-40 to 85
20 Ld CERDIP
F20.3
ADC0802LD
±1 LSB
-55 to 125
20 Ld CERDIP
F20.3
ADC0803LCN
±1/2 LSB
VREF/2 Adjusted for Correct Full Scale
Reading
0 to 70
20 Ld PDIP
E20.3
ADC0803LCD
±3/4 LSB
-40 to 85
20 Ld CERDIP
F20.3
ADC0803LCWM
±1 LSB
-40 to 85
20 Ld SOIC
M20.3
ADC0803LD
±1 LSB
-55 to 125
20 Ld CERDIP
F20.3
ADC0804LCN
±1 LSB
VREF/2 = 2.500VDC (No Adjustments)
0 to 70
20 Ld PDIP
E20.3
ADC0804LCD
±1 LSB
-40 to 85
20 Ld CERDIP
F20.3
ADC0804LCWM
±1 LSB
-40 to 85
20 Ld SOIC
M20.3
Pinout
ADC0802, ADC0803, ADC0804
(PDIP, CERDIP)
TOP VIEW
Typical Application Schematic
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
WR
RD
CS
CLK IN
INTR
VIN (-)
VIN (+)
DGND
VREF/2
AGND
V+ OR VREF
CLK R
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7 (MSB)
3
2
1
12
11
5
15
14
13
18
17
16
7
6
10
9
8
4
19
20
WR
RD
CS
DB6
DB7
INTR
DB3
DB4
DB5
DB0
DB1
DB2
CLK IN
CLK R
V+
VIN (-)
VIN (+)
DGND
VREF/2
AGND
ANY
µPROCESSOR
8-BIT RESOLUTION
OVER ANY
DESIRED
ANALOG INPUT
VOLTAGE RANGE
DIFF
INPUTS
10K
150pF
VREF/2
+5V
August 1997
ADC0802, ADC0803
ADC0804
8-Bit, Microprocessor-
Compatible, A/D Converters
File Number
3094.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
NXP Semiconductors
ADC0804 PHILIPS-ADC0804 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
National Semiconductor ...
ADC0804 NSC-ADC0804 Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0804 NSC-ADC0804 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Intersil Corporation
ADC0804 INTERSIL-ADC0804 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - ADC0804

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
8-Bit muP Compatible A/D Converters
logo
Analog Devices
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
logo
List of Unclassifed Man...
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com