Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ADC0804
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0804 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ADC0804 Datasheet HTML 8Page - Intersil Corporation ADC0804 Datasheet HTML 9Page - Intersil Corporation ADC0804 Datasheet HTML 10Page - Intersil Corporation ADC0804 Datasheet HTML 11Page - Intersil Corporation ADC0804 Datasheet HTML 12Page - Intersil Corporation ADC0804 Datasheet HTML 13Page - Intersil Corporation ADC0804 Datasheet HTML 14Page - Intersil Corporation ADC0804 Datasheet HTML 15Page - Intersil Corporation ADC0804 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
6-18
NOTE: Pin numbers for 8228 System Controller: Others are 8080A.
FIGURE 21. ADC0802 TO 8080A CPU INTERFACE
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0802 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V
10
µF
+
ANALOG
INPUTS
150pF
MSB
LSB
DB1 (16) (NOTE)
DB0 (13) (NOTE)
DB4 (5) (NOTE)
DB3 (9) (NOTE)
DB2 (11) (NOTE)
DB7 (7) (NOTE)
DB6 (20) (NOTE)
DB5 (18) (NOTE)
5V
AD15 (36)
AD14 (39)
AD13 (38)
AD12 (37)
AD11 (40)
AD10 (1)
8131
BUS
COMPARATOR
INT (14)
I/O RD (25) (NOTE)
I/O WR (27) (NOTE)
T5
T4
T3
T2
T1
T0
B5
B4
B3
B2
B1
B0
V+
OUT
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com