Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3045 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3045
Description  General Purpose NPN Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3045 Datasheet(HTML) 4 Page - Intersil Corporation

  CA3045 Datasheet HTML 1Page - Intersil Corporation CA3045 Datasheet HTML 2Page - Intersil Corporation CA3045 Datasheet HTML 3Page - Intersil Corporation CA3045 Datasheet HTML 4Page - Intersil Corporation CA3045 Datasheet HTML 5Page - Intersil Corporation CA3045 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FIGURE 5. TYPICAL STATIC BASE-TO-EMITTER VOLTAGE
CHARACTERISTICS AND INPUT OFFSET VOLTAGE
FOR DIFFERENTIAL PAIR AND PAIRED ISOLATED
TRANSISTORS vs EMITTER CURRENT
FIGURE 6. TYPICAL BASE-TO-EMITTER VOLTAGE
CHARACTERISTIC vs TEMPERATURE FOR EACH
TRANSISTOR
FIGURE 7. TYPICAL INPUTOFFSET VOLTAGE CHARACTERISTICS
FOR DIFFERENTIAL PAIR AND PAIRED
ISOLATED TRANSISTORS vs TEMPERATURE
FIGURE 8. TYPICAL NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 9. TYPICAL NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 10. TYPICAL NOISE FIGURE vs COLLECTOR CURRENT
Typical Performance Curves (Continued)
0.8
0.7
0.6
0.5
0.4
0.01
0.1
1.0
10
VCE = 3V
TA = 25
oC
VBE
INPUT OFFSET VOLTAGE
3
2
1
0
EMITTER CURRENT (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
VCE = 3V
IE = 3mA
IE = 1mA
IE = 0.5mA
4.00
3.00
2.00
0.75
0.50
0.25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
IE = 10mA
IE = 1mA
IE = 0.1mA
VCE = 3V
VCE = 3V
RS = 500Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1.0
f = 0.1kHz
f = 1kHz
f = 10kHz
VCE = 3V
RS = 1000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1
f = 0.1kHz
f = 1kHz
f = 10kHz
VCE = 3V
RS = 10000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1
f = 0.1kHz
f = 1kHz
f = 10kHz
25
30
CA3045, CA3046



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com