Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3045 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3045
Description  General Purpose NPN Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3045 Datasheet(HTML) 3 Page - Intersil Corporation

  CA3045 Datasheet HTML 1Page - Intersil Corporation CA3045 Datasheet HTML 2Page - Intersil Corporation CA3045 Datasheet HTML 3Page - Intersil Corporation CA3045 Datasheet HTML 4Page - Intersil Corporation CA3045 Datasheet HTML 5Page - Intersil Corporation CA3045 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Open Circuit Output Impedance (Figure 11)
hOE
f = 1kHz, VCE = 3V, IC = 1mA
-
15.6
-
µS
Open Circuit Reverse Voltage Transfer Ratio
(Figure 11)
hRE
f = 1kHz, VCE = 3V, IC = 1mA
-
1.8 x 10-4
--
Admittance Characteristics
Forward Transfer Admittance (Figure 12)
YFE
f = 1kHz, VCE = 3V, IC = 1mA
-
31 - j1.5
-
-
Input Admittance (Figure 13)
YIE
f = 1kHz, VCE = 3V, IC = 1mA
-
0.3 + j0.04
-
-
Output Admittance (Figure 14)
YOE
f = 1kHz, VCE = 3V, IC = 1mA
-
0.001 + j0.03
-
-
Reverse Transfer Admittance (Figure 15)
YRE
f = 1kHz, VCE = 3V, IC = 1mA
-
See Fig. 14
-
-
Gain Bandwidth Product (Figure 16)
fT
VCE = 3V, IC = 3mA
300
550
-
MHz
Emitter-to-Base Capacitance
CEB
VEB = 3V, IE = 0
-
0.6
-
pF
Collector-to-Base Capacitance
CCB
VCB = 3V, IC = 0
-
0.58
-
pF
Collector-to-Substrate Capacitance
CCI
VCS = 3V, IC = 0
-
2.8
-
pF
NOTE:
3. Actual forcing current is via the emitter for this test.
Electrical Specifications
TA = 25
oC, characteristics apply for each transistor in CA3045 and CA3046 as specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. TYPICAL COLLECTOR-TO-BASE CUTOFF CURRENT
vs TEMPERATURE FOR EACH TRANSISTOR
FIGURE 2. TYPICAL COLLECTOR-TO-EMITTER CUTOFF
CURRENT vs TEMPERATURE FOR EACH
TRANSISTOR
FIGURE 3. TYPICAL STATIC FORWARD CURRENT TRANSFER
RATIO AND BETA RATIO FOR Q1 AND Q2 vs
EMITTER CURRENT
FIGURE 4. TYPICAL INPUT OFFSET CURRENT FOR
MATCHED TRANSISTOR PAIR Q1Q2 vs
COLLECTOR CURRENT
102
10-1
10
1
10-2
10-3
10-4
0
25
50
75
100
125
TEMPERATURE (oC)
VCB = 15V
VCB = 10V
VCB = 5V
IE = 0
102
10-1
10
1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IB = 0
VCE = 10V
VCE = 5V
103
EMITTER CURRENT (mA)
VCE = 3V
TA = 25
oC
120
110
100
90
80
70
60
50
0.01
0.1
1.0
10
0.8
0.9
1.0
1.1
hFE
h
FE1
h
FE2
------------- OR
h
FE2
h
FE1
-------------
10
1.0
0.1
0.01
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
CA3045, CA3046



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com