Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3045 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3045
Description  General Purpose NPN Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3045 Datasheet(HTML) 2 Page - Intersil Corporation

  CA3045 Datasheet HTML 1Page - Intersil Corporation CA3045 Datasheet HTML 2Page - Intersil Corporation CA3045 Datasheet HTML 3Page - Intersil Corporation CA3045 Datasheet HTML 4Page - Intersil Corporation CA3045 Datasheet HTML 5Page - Intersil Corporation CA3045 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Thermal Information
Collector-to-Emitter Voltage (VCEO) . . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage (VCBO) . . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage (VCIO, Note 1) . . . . . . . . . . . . . . 20V
Emitter-to-Base Voltage (VEBO) . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
180
N/A
CERDIP Package . . . . . . . . . . . . . . . . .
150
75
SOIC Package . . . . . . . . . . . . . . . . . . .
220
N/A
Maximum Power Dissipation (Any One Transistor) . . . . . . . 300mW
Maximum Junction Temperature (Hermetic Packages). . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3045 and CA3046 is isolated from the substrate by an integral diode. The substrate (Terminal 13) must
be connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor ac-
tion.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, characteristics apply for each transistor in CA3045 and CA3046 as specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = 10µA, IE = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)CIO
IC = 10µA, ICI = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
-
V
Collector Cutoff Current (Figure 1)
ICBO
VCB = 10V, IE = 0
-
0.002
40
nA
Collector Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0
-
See Fig. 2
0.5
µA
Forward Current Transfer Ratio (Static Beta)
(Note 3) (Figure 3)
hFE
VCE = 3V
IC = 10mA
-
100
-
-
IC = 1mA
40
100
-
-
IC = 10µA-
54
-
-
Input Offset Current for Matched Pair Q1 and Q2.
|IIO1 - IIO2| (Note 3) (Figure 4)
VCE = 3V, IC = 1mA
-
0.3
2
µA
Base-to-Emitter Voltage (Note 3) (Figure 5)
VBE
VCE = 3V
IE = 1mA
-
0.715
-
V
IE = 10mA
-
0.800
-
V
Magnitude of Input Offet Voltage for Differential Pair
|VBE1 - VBE2| (Note 3) (Figures 5, 7)
VCE = 3V, IC = 1mA
-
0.45
5
mV
Magnitude of Input Offset Voltage for Isolated
Transistors |VBE3 - VBE4|, |VBE4 - VBE5|,
|VBE5 - VBE3| (Note 3) (Figures 5, 7)
VCE = 3V, IC = 1mA
-
0.45
5
mV
Temperature Coefficient of Base-to-Emitter
Voltage (Figure 6)
VCE = 3V, IC = 1mA
-
-1.9
-
mV/oC
Collector-to-Emitter Saturation Voltage
VCES
IB = 1mA, IC = 10mA
-
0.23
-
V
Temperature Coefficient: Magnitude of Input Off-
set Voltage (Figure 7)
VCE = 3V, IC = 1mA
-
1.1
-
µV/oC
DYNAMIC CHARACTERISTICS
Low Frequency Noise Figure (Figure 9)
NF
f = 1kHz, VCE = 3V, IC = 100µA,
Source Resistance = 1k
Ω
-
3.25
-
dB
Low Frequency, Small Signal Equivalent
Circuit Characteristics
Forward Current Transfer Ratio (Figure 11)
hFE
f = 1kHz, VCE = 3V, IC = 1mA
-
110
-
-
Short Circuit Input Impedance (Figure 11)
hIE
f = 1kHz, VCE = 3V, IC = 1mA
-
3.5
-
k
Ω
∆V
BE
∆T
---------------
∆V
IO
∆T
----------------
CA3045, CA3046



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com