Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3045 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3045
Description  General Purpose NPN Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3045 Datasheet(HTML) 1 Page - Intersil Corporation

  CA3045 Datasheet HTML 1Page - Intersil Corporation CA3045 Datasheet HTML 2Page - Intersil Corporation CA3045 Datasheet HTML 3Page - Intersil Corporation CA3045 Datasheet HTML 4Page - Intersil Corporation CA3045 Datasheet HTML 5Page - Intersil Corporation CA3045 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CA3045, CA3046
General Purpose NPN Transistor Arrays
The CA3045 and CA3046 each consist of five general
purpose silicon NPN transistors on a common monolithic
substrate. Two of the transistors are internally connected to
form a differentially connected pair.
The transistors of the CA3045 and CA3046 are well suited to
a wide variety of applications in low power systems in the DC
through VHF range. They may be used as discrete
transistors in conventional circuits. However, in addition, they
provide the very significant inherent integrated circuit
advantages of close electrical and thermal matching.
Pinout
CA3045, (CERDIP)
CA3046 (PDIP, SOIC)
TOP VIEW
Features
• Two Matched Transistors
-VBE Match . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mV
-IIO Match. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2µA (Max)
• Low Noise Figure . . . . . . . . . . . . . . . . 3.2dB (Typ) at 1kHz
• 5 General Purpose Monolithic Transistors
• Operation From DC to 120MHz
• Wide Operating Current Range
• Full Military Temperature Range
Applications
• Three Isolated Transistors and One Differentially
Connected Transistor Pair for Low Power Applications at
Frequencies from DC Through the VHF Range
• Custom Designed Differential Amplifiers
• Temperature Compensated Amplifiers
• See Application Note, AN5296 “Application of the CA3018
Integrated-Circuit Transistor Array” for Suggested
Applications
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3045F
-55 to 125
14 Ld CERDIP
F14.3
CA3046
-55 to 125
14 Ld PDIP
E14.3
CA3046M
(3046)
-55 to 125
14 Ld SOIC
M14.15
CA3046M96
(3046)
-55 to 125
14 Ld SOIC Tape
and Reel
M14.15
SUBSTRATE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIFFERENTIAL
PAIR
Q1
Q5
Q4
Q3
Q2
Data Sheet
September 1998
File Number
341.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA3045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
Video and Wide-band Amplifier
logo
Intersil Corporation
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
logo
List of Unclassifed Man...
CA3046 ETC2-CA3046 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Intersil Corporation
CA3046M INTERSIL-CA3046M Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
CA3046M96 INTERSIL-CA3046M96 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
More results

Similar Description - CA3045

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
General Purpose High Current NPN Transistor Arrays
November 1999
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
GENERAL PURPOSE TRANSISTOR ARRAYS
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
Harris Corporation
CA3018 HARRIS-CA3018 Datasheet
48Kb / 6P
General Purpose Transistor Arrays
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
General Purpose High Current NPN Transistor Arrays
May 2001
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com