Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3045 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3045
Description  General Purpose NPN Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3045 Datasheet(HTML) 5 Page - Intersil Corporation

  CA3045 Datasheet HTML 1Page - Intersil Corporation CA3045 Datasheet HTML 2Page - Intersil Corporation CA3045 Datasheet HTML 3Page - Intersil Corporation CA3045 Datasheet HTML 4Page - Intersil Corporation CA3045 Datasheet HTML 5Page - Intersil Corporation CA3045 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FIGURE 11. TYPICAL NORMALIZED FORWARD CURRENT
TRANSFER RATIO, SHORT CIRCUIT INPUT
IMPEDANCE, OPEN CIRCUIT OUTPUT IMPEDANCE,
AND OPEN CIRCUIT REVERSE VOLTAGE TRANSFER
RATIO vs COLLECTOR CURRENT
FIGURE 12. TYPICAL FORWARD TRANSFER ADMITTANCE vs
FREQUENCY
FIGURE 13. TYPICAL INPUT ADMITTANCE vs FREQUENCY
FIGURE 14. TYPICAL OUTPUT ADMITTANCE vs FREQUENCY
FIGURE 15. TYPICAL REVERSE TRANSFER ADMITTANCE vs
FREQUENCY
FIGURE 16. TYPICAL GAIN BANDWIDTH PRODUCT vs
COLLECTOR CURRENT
Typical Performance Curves (Continued)
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 3V
f = 1kHz
TA = 25
oC
hOE
hFE
hRE
hIE
hFE = 110
hIE = 3.5kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
hIE
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
-20
-10
0
10
20
30
40
gFE
bFE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
0
1
2
3
4
5
6
gIE
bIE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0
1
2
3
4
5
6
gOE
bOE
0.1
10
100
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
-2.0
-1.5
-1.0
-0.5
0
bRE
1
100
10
gRE IS SMALL AT FREQUENCIES
LESS THAN 500MHz
800
700
600
500
400
300
200
100
1000
900
0
1
2345
678
9
10
11
12
13 14
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
CA3045, CA3046



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com