Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 4 Page - Analog Devices

  AD9853_15 Datasheet HTML 1Page - Analog Devices AD9853_15 Datasheet HTML 2Page - Analog Devices AD9853_15 Datasheet HTML 3Page - Analog Devices AD9853_15 Datasheet HTML 4Page - Analog Devices AD9853_15 Datasheet HTML 5Page - Analog Devices AD9853_15 Datasheet HTML 6Page - Analog Devices AD9853_15 Datasheet HTML 7Page - Analog Devices AD9853_15 Datasheet HTML 8Page - Analog Devices AD9853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
OBSOLETE
AD9853
–4–
REV. C
PIN FUNCTION DESCRIPTIONS
Pin #
Pin Name
Pin Function
1, 7, 9, 10,
36, 39, 44 DGND
Digital Ground
2, 8, 37,
40, 43
DVDD
Digital Supply Voltage
3
Control Bus Clock
Bit Clock for Control Bus
Data
4
Control Bus Data In Control Bus Data In
5
FEC Enable
Enables/Disables FEC
6
Address Bit
Address Bit for Control Bus
11, 26, 31 Test Data Out
Factory Use—Serial Test Data
Out
12, 13
PLL GND
PLL Ground
14
PLL VCC
Supply Voltage for PLL
15
PLL Filter
PLL Loop Filter Connection
16, 19, 23 AGND
Analog Ground
17
NC
No Connect
18
DAC Rset
Rset Resistor Connection
20, 22
AVDD
Analog Supply Voltage
21
DAC Baseline
DAC Baseline Voltage
24
IOUT
Analog Current Output of the
DAC
25
IOUTB
Complementary Analog Cur-
rent Output of the DAC
27
Test CLK
Factory Use—Scan Clock
28
Test Latch
Factory Use—Scan Latch
29
Test Data In
Factory Use—Serial Test Data
In
30
Test Data Enable
Factory Use—Serial Test Data
Enable, Grounded for Normal
Operation
32
RESET
Master Device Reset Function
33
CA Enable
Cable Amplifier Enable
34
CA Clock
Cable Amplifier Serial Control
Clock
35
CA Data
Cable Amplifier Serial Control
Data
38
REF CLK IN
Reference Clock Input
41
Data In
Input Serial Data Stream
42
TXENABLE
Pulse that Frames the Valid
Input Data Stream
PIN CONFIGURATION
44-Lead Metric Quad Flatpack
(S-44A)
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18 19 20 21 22
CA ENABLE
RESET
TEST DATA OUT
TEST DATA
ENABLE
TEST DATA IN
TEST LATCH
TEST CLK
IOUTB
AD9853
IOUT
AGND
DGND
DVDD
CONTROL
BUS CLOCK
CONTROL
BUS DATA IN
FEC ENABLE
ADDRESS BIT
DGND
NC = NO CONNECT
DVDD
DGND
DGND
TEST DATA
OUT
TEST DATA OUT
ADDRESS BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com