Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 2 Page - Analog Devices

  AD9853_15 Datasheet HTML 1Page - Analog Devices AD9853_15 Datasheet HTML 2Page - Analog Devices AD9853_15 Datasheet HTML 3Page - Analog Devices AD9853_15 Datasheet HTML 4Page - Analog Devices AD9853_15 Datasheet HTML 5Page - Analog Devices AD9853_15 Datasheet HTML 6Page - Analog Devices AD9853_15 Datasheet HTML 7Page - Analog Devices AD9853_15 Datasheet HTML 8Page - Analog Devices AD9853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OBSOLETE
–2–
REV. C
AD9853–SPECIFICATIONS
Parameter
Temp
Test Level
Min
Typ
Max
Units
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
6
× REFCLK Disabled (+3.3 V Supply)
Full
IV
42
126
MHz
6
× REFCLK Enabled (+3.3 V Supply)
Full
IV
7
21
MHz
6
× REFCLK Disabled (+5 V Supply)
Full
IV
108
168
MHz
6
× REFCLK Enabled (+5 V Supply)
Full
IV
18
28
MHz
Duty Cycle
+25
°CIV
40
60
%
Input Capacitance
+25
°CV
3
pF
Input Impedance
+25
°C
V
100
M
Ω
DAC OUTPUT CHARACTERISTICS
Resolution
10
Bits
Full-Scale Output Current
+25
°C
IV
5
10
20
mA
Gain Error
+25
°C
I
–10
+10
% FS
Output Offset
+25
°CI
10
µA
Output Offset Temperature Coefficient
Full
V
50
nA/
°C
Differential Nonlinearity
+25
°C
I
0.5
0.75
LSB
Integral Nonlinearity
+25
°C
I
0.5
1.5
LSB
Output Capacitance
+25
°CV
5
pF
Phase Noise @ 1 kHz Offset, 40 MHz AOUT
6
× REFCLK Enabled
+25
°C
V
–100
dBc
6
× REFCLK Disabled
+25
°C
V
–110
dBc
Voltage Compliance Range
+25
°C
I
–0.5
+1.5
V
Wideband SFDR (Single Tone):
1 MHz AOUT
+25
°C
IV
62
68
dBc
20 MHz AOUT
+25
°C
IV
52
54
dBc
42 MHz AOUT
+25
°C
IV
48
50
dBc
65 MHz AOUT
1
+25
°C
IV
42
44
dBc
MODULATOR CHARACTERISTICS
I/Q Offset
+25
°CIV
48
dB
Adjacent Channel Power
+25
°C
IV
44
dBm
Error Vector Magnitude
+25
°CIV
1
2
%
In-Band Spurious Emission
5 MHz–42 MHz AOUT
+25
°C
IV
42
dBc
5 MHz–65 MHz AOUT
1
+25
°C
IV
40
dBc
Passband Amplitude Ripple
+25
°CV
±0.3
dB
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
Full
IV
25
MHz
Minimum Clock Pulsewidth Low (tPWL)
Full
IV
10
ns
Minimum Clock Pulsewidth High (tPWH)
Full
IV
10
ns
Maximum Clock Rise/Fall Time
Full
IV
100
ns
Minimum Data Setup Time (tDS)
Full
IV
10
ns
Minimum Data Hold Time (tDH)
Full
IV
10
ns
Minimum Clock Setup—Stop Condition (tCS)
Full
IV
10
ns
Minimum Clock Hold—Start Condition (tCH)
Full
IV
10
ns
RESET
Minimum TXENABLE Low to RESET Low (tTR)
Full
IV
10
ns
Minimum RESET High to Start Condition (tRH)
Full
IV
10
ns
FEC ENABLE
Minimum FEC ENABLE/DISABLE to TXENABLE High (tFH)
Full
IV
0
ns
Minimum FEC ENABLE/DISABLE to TXENABLE Low (tFL)
Full
IV
0
ns
(VS = +3.3 V
5%, RSET = 3.9 k , Reference Clock Frequency = 20.48 MHz with
6
REFCLK Enabled, Symbol Rate = 2.56 MS/s,
= 0.25, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com