Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9853_15 Datasheet HTML 6Page - Analog Devices AD9853_15 Datasheet HTML 7Page - Analog Devices AD9853_15 Datasheet HTML 8Page - Analog Devices AD9853_15 Datasheet HTML 9Page - Analog Devices AD9853_15 Datasheet HTML 10Page - Analog Devices AD9853_15 Datasheet HTML 11Page - Analog Devices AD9853_15 Datasheet HTML 12Page - Analog Devices AD9853_15 Datasheet HTML 13Page - Analog Devices AD9853_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
OBSOLETE
AD9853
–10–
REV. C
SYMBOLS
1.2
–1.2
0
3
REF LVL
–8dBm
CF 42MHz MEAS SIGNAL
SR 1.28MHz EYE [1]
DEMOD 16QAM
Figure 18. 16-QAM Modulation
1.2
–1.2
–1.5
1.5
REAL
REF LVL
–8dBm
CF 42MHz MEAS SIGNAL
SR 1.28MHz CONSTELLATION
DEMOD 16QAM
Figure 19. 16-QAM Modulation
SYMBOLS
1.2
–1.2
0
3
REF LVL
–7dBm
CF 42MHz MEAS SIGNAL
SR 1.28MHz EYE [1]
DEMOD QPSK
Figure 16. QPSK Modulation
1.2
–1.2
–1.5
1.5
REAL
REF LVL
–7dBm
CF 42MHz MEAS SIGNAL
SR 1.28MHz CONSTELLATION
DEMOD QPSK
Figure 17. QPSK Modulation
Typical Plots of Eye Diagrams and Constellations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com