Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9853_15 Datasheet HTML 3Page - Analog Devices AD9853_15 Datasheet HTML 4Page - Analog Devices AD9853_15 Datasheet HTML 5Page - Analog Devices AD9853_15 Datasheet HTML 6Page - Analog Devices AD9853_15 Datasheet HTML 7Page - Analog Devices AD9853_15 Datasheet HTML 8Page - Analog Devices AD9853_15 Datasheet HTML 9Page - Analog Devices AD9853_15 Datasheet HTML 10Page - Analog Devices AD9853_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OBSOLETE
Modulated Output Spectrum with 3.3 V Supply,
α = 0.25, 20.48 MHz REFCLK
Typical Performance Characteristics–AD9853
–7–
REV. C
0
–10
–100
START 0Hz
STOP 60MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 1. QPSK, 320 kb/s, AOUT = 10 MHz
0
–10
–100
START 0Hz
STOP 60MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 2. QPSK, 640 kb/s, AOUT = 20 MHz
0
–10
–100
START 0Hz
STOP60 MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 3. QPSK, 1.28 Mb/s, AOUT = 42 MHz
0
–10
–100
START 0Hz
STOP 60MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 4. QPSK, 1.28 Mb/s, AOUT = 10 MHz
0
–10
–100
START 0Hz
STOP 60MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 5. QPSK, 2.56 Mb/s, AOUT = 20 MHz
0
–10
–100
START 0Hz
STOP60 MHz
6MHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 3kHz
VBW = 3kHz
SWT = 17s
RF ATT = 10dB
REF LVL = –20dBm
Figure 6. QPSK, 5.12 Mb/s, AOUT = 42 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com