Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9853
Description  Programmable Digital QPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853 Datasheet(HTML) 1 Page - Analog Devices

  AD9853_15 Datasheet HTML 1Page - Analog Devices AD9853_15 Datasheet HTML 2Page - Analog Devices AD9853_15 Datasheet HTML 3Page - Analog Devices AD9853_15 Datasheet HTML 4Page - Analog Devices AD9853_15 Datasheet HTML 5Page - Analog Devices AD9853_15 Datasheet HTML 6Page - Analog Devices AD9853_15 Datasheet HTML 7Page - Analog Devices AD9853_15 Datasheet HTML 8Page - Analog Devices AD9853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OBSOLETE
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9853
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Programmable Digital
QPSK/16-QAM Modulator
FUNCTIONAL BLOCK DIAGRAM
10-BIT
DAC
SINE
COSINE
INTERPOLATION
FILTER
INV
SYNC
FILTER
DDS
PREAMBLE
INSERTION
RANDOMIZER
CLOCK
CONTROL FUNCTIONS
6
FIR
FILTER
FIR
FILTER
INTERPOLATION
FILTER
ENCODER:
FSK
QPSK
DQPSK
16-QAM
D16-QAM
DATA
DELAY
& MUX
XOR
R-S
FEC
AD9853
10
10
AOUT
GAIN
CONTROL TO
DRIVER AMP
RESET
TXENABLE
FEC
ENABLE/
DISABLE
REF CLOCK IN
SERIAL
DATA IN
SERIAL CONTROL BUS:
32-BIT OUTPUT FREQUENCY TUNING WORD
INPUT DATA RATE/MODULATION FORMAT
FEC/RANDOMIZER/PREAMBLE ENABLE/CONFIGURATION
FIR FILTER COEFFICIENTS
REF CLOCK MULTIPLIER ENABLE
I/Q PHASE INVERT
SLEEP MODE
TO LP FILTER
AND AD8320
CABLE DRIVER
AMPLIFER
FEATURES
Universal Low Cost Solution for HFC Network
Return-Channel TX Function: 5 MHz–42 MHz/
5 MHz–65 MHz
165 MHz Internal Reference Clock Capability
Includes Programmable Pulse-Shaping FIR Filters and
Programmable Interpolating Filters
FSK/QPSK/DQPSK/16-QAM/D16-QAM Modulation
Formats
6
Internal Reference Clock Multiplier
Integrated Reed-Solomon FEC Function
Programmable Randomizer/Preamble Function
Supports Interoperable Cable Modem Standards
Internal SINx/x Compensation
>50 dB SFDR @ 42 MHz Output Frequency (Single Tone)
Controlled Burst Mode Operation
+3.3 V to +5 V Single Supply Operation
Low Power: 750 mW @ Full Clock Speed (3.3 V Supply)
Space Saving Surface Mount Packaging
APPLICATIONS
HFC Data, Telephony and Video Modems
Wireless LAN
GENERAL DESCRIPTION
The AD9853 integrates a high speed direct-digital synthesizer
(DDS), a high performance, high speed digital-to-analog con-
verter (DAC), digital filters and other DSP functions onto a
single chip, to form a complete and flexible digital modulator
device. The AD9853 is intended to function as a modulator in
network applications such as interactive HFC, WLAN and
MMDS, where cost, size, power dissipation, functional integra-
tion and dynamic performance are critical attributes.
The AD9853 is fabricated on an advanced CMOS process and
it sets a new standard for CMOS digital modulator performance.
The device is loaded with programmable functionality and
provides a direct interface port to the AD8320, digitally-
programmable cable driver amplifier. The AD9853/AD8320
chipset forms a highly integrated, low power, small footprint
and cost-effective solution for the HFC return-path requirement
and other more general purpose modulator applications.
The AD9853 is available in a space saving surface mount pack-
age and is specified to operate over the extended industrial
temperature range of –40
°C to +85°C.


Similar Part No. - AD9853_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9853-45PCB AD-AD9853-45PCB Datasheet
335Kb / 31P
Programmable Digital OPSK/16-QAM Modulator
REV.C
AD9853-65PCB AD-AD9853-65PCB Datasheet
335Kb / 31P
Programmable Digital OPSK/16-QAM Modulator
REV.C
AD9853AS AD-AD9853AS Datasheet
335Kb / 31P
Programmable Digital OPSK/16-QAM Modulator
REV.C
More results

Similar Description - AD9853_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
Analog Devices
AD9853 AD-AD9853 Datasheet
335Kb / 31P
Programmable Digital OPSK/16-QAM Modulator
REV.C
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
Burst QPSK Modulator
1996 12
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
HSP50307 INTERSIL-HSP50307_00 Datasheet
236Kb / 9P
Burst QPSK Modulator
October 2000
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com