Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9953
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9953_15 Datasheet HTML 10Page - Analog Devices AD9953_15 Datasheet HTML 11Page - Analog Devices AD9953_15 Datasheet HTML 12Page - Analog Devices AD9953_15 Datasheet HTML 13Page - Analog Devices AD9953_15 Datasheet HTML 14Page - Analog Devices AD9953_15 Datasheet HTML 15Page - Analog Devices AD9953_15 Datasheet HTML 16Page - Analog Devices AD9953_15 Datasheet HTML 17Page - Analog Devices AD9953_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9953
Rev. A | Page 14 of 32
able 5. Register Map
s)
it
ange
SB)
it 7
it 6
it 5
it 3
it 2
it 1
SB)
it 0
Default
Value
T
Register
Name
(Serial
Addres
B
R
(M
B
B
B
Bit 4
B
B
B
(L
B
OR
Profile
Control
Function
<7:0>
ital
Power-
p
Power-
Power-
Input
Power-
r-
ar
Sweep No
CLK
Out
Used
Register
No.1
(CFR1)
(0x00)
Dig
Down
Com
Down
DAC
Down
Clock
Down
External
Powe
Down
Mode
Line
Dwell
SYNC_
Disable
Not
0x00
<15:8>
L
@ I/O UD
A
A
LSB First
0x00
oad SRR
AutoClr
Freq.
Accum.
AutoClr
Phase
Accum.
Enable
SINE
Output
Clear
Freq.
ccum.
Clear
Phase
ccum.
SDIO
Input
Only
<23:16>
S
N
N
N
N
d
Not
Used
0x00
Automatic
Sync
Enable
oftware
Manual
Sync
Linear
Sweep
Enable
ot Used
ot Used
ot Used
ot Use
<31:24>
Enable
D
nal Profile Control <2:0>
Load ARR
@ I/O UD
OSK
Enable
OSK
Keying
0x00
RAM
RAM
est. Is
Phase
Word
Inter
Auto
Control
Function
N
<7:0>
0x00 or 0x01, or 0x02 or 0x03: Bypass Multiplier
0x04 to 0x14: 4× to 20× Multiplication
VCO Range
Charge Pump
<1:0>
0x00
Register
o. 2 (CFR2)
(0x01)
REFCLK Multiplier
Current
<15:8>
Not Used
High
Speed
Manual
CRYSTA
OUT Pin
Not
Used
0x00
Sync
Enable
Hardware
Sync
Enable
L
Active
<23:16>
Not Used
0x18
Amplitude
Scale Factor
<7:0>
Amplitude Scale Facto
r <7:
0x00
(ASF)
(0x02)
r Registe
0>
<15:8>
Auto Ramp Rate Speed
Control <1:0>
Amplitude Scale Factor Register <13:8>
0x00
Amplitude
Ra
e
<7:0>
Amplitude Ramp Rate Register <7:0>
0x00
mp Rat
(ARR)
(0x03)
Fr
y
<7:0>
Frequency Tuning Word No. 0 <7:0>
0x00
equenc
Tuning
Word
(FTW0)
(0x04)
<15:8>
Frequency Tuning Word No. 0 <15:8>
0x00
<23:16>
Frequency Tuning Word No. 0 <23:16>
0x00
<31:24>
Frequency Tuning Word No. 0 <31:24>
0x00
Phase
fset Wor
Of
d
(POW0)
(0x05)
<7:0>
Phase Offset Word No. 0 <7:0>
0x00
<15:8>
Not Used<1:0>
No. 0 <13:8>
Phase Offset Word
0x00
F
Frequency Tun
0x00
requency
Tuning
Word
(FTW1)
(0x06)
<7:0>
ing Word No. 1 <7:0>
<15:8>
Frequency Tuning Word No. 1 <15:8>
0x00
<23:16>
Frequency Tuning Word No. 1 <23:16>
0x00
<31:24>
Frequency Tuning Word No. 1 <31:24>
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com