Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9953
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9953_15 Datasheet HTML 23Page - Analog Devices AD9953_15 Datasheet HTML 24Page - Analog Devices AD9953_15 Datasheet HTML 25Page - Analog Devices AD9953_15 Datasheet HTML 26Page - Analog Devices AD9953_15 Datasheet HTML 27Page - Analog Devices AD9953_15 Datasheet HTML 28Page - Analog Devices AD9953_15 Datasheet HTML 29Page - Analog Devices AD9953_15 Datasheet HTML 30Page - Analog Devices AD9953_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD9953
Rev. A | Page 27 of 32
D3
INSTRUCTION BYTE
The instruction byte contains the following information:
Table 9.
MSB
D6
D5
D4
D2
D1
LSB
R/W
A3
X
X
A4
A2
A1
A0
R/W—Bit 7 of the instruction byte determines whether a read
etermine which register is accessed during the data transfer
portion of the communications cycle.
SERIAL INTERFACE PORT PIN DESCRIPTION
SCLK—Serial Clock. The serial clock pin is used to synchronize
data to and from the AD9953 and to run the internal state
machines. SCLK maximum frequency is 25 MHz.
CSB—Chip Select Bar. CSB is active low input t
an one device on the same serial communications line. The
SDO and SDIO pins will go to a high impedance state when this
input is high. If driven high during any communications cycle,
that cycle is suspended until CS
or write data transfer will occur after the instruction byte write.
Logic High indicates read operation. Logic 0 indicates a write
operation.
X, X—Bits 6 and 5 of the instruction byte are Don’t Care.
A4, A3, A2, A1, A0—Bits 4, 3, 2, 1, 0 of the instruction byte
d
hat allows more
th
is reactivated low. Chip select
can be tied low in systems that maintain control of SCLK.
SDIO—Serial Data I/O. Data is always written into the AD9953
on this pin. However, this pin can be used as a bidirectional
data line. Bit 9 of Register Address 0x00 controls the
configuration of this pin. The default is Logi
nfigures the SDIO pin as bidirectional.
SDO—Serial Data Out. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. In the
case where the AD9953 operates in a single bidirectional I/O mode,
this pin does not output data and is set to a high impedance state.
IOSYNC—It synchronizes the I/O port state machines without
affecting the addressable register’s contents. An
put on the IOSYNC pin causes the current communication
ycle to abort. After IOSYNC returns low (Logic 0), another
communication cycle may begin, starting with the instruction
byte write.
MSB/LSB TRANSFERS
The AD9953 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) firs
unctionality is controlled by the Control Register 0x00 <8> bit.
he default value of Control Register 0x00 <8> is low (MSB
rst). When Control Register 0x00 <8> is set high, the AD9953
rial port is in LSB first format. The instruction byte must be
ddress first
I/O operation is complete. All data written to (read from) the
AD9953 must be (will be) in MSB first order. If the LSB mode is
active, the serial port controller will generate the least signifi-
cant byte address first followed by the next greater significant byte
addresses until the I/O operation is complete. All data written to
(read from) the AD9953 must be (will be) in LSB first order.
Example Operation
tude scale factor register in MSB first format,
apply an instruction byte of 0x02 [serial address is 00010(b)].
From this instruction, the internal controller will know to use
the first byte as the most significant byte. The first two bits will
be recorded as the auto ramp rate speed control bits, and the
next six bits will be the most significant bits of the amplitude
scale factor. The second byte will be applied as the eight less
significant bits of the amplitude scale factor ASF<7:0>.
To write the amplitude scale factor regis
SB first format,
l register has already been set for LSB first
format, apply an instruction byte of 0x40. From this instruction,
the internal controller will know to use the first byte as the least
significant byte of the amplitude scale factor ASF<0:7>. The
second byte will be split into the first six bits ASF<8:13> and the
last two will provide the auto ramp rate speed control bits
ARRSC<0:1>.
D9953
The AD9953 supports an externally controlled or hardware
power-down feature as well as the more common software
programmable power-down bits found in previous ADI DDS
products.
The software control power-down allows the DAC, PLL, input
clock circuitry, and digital logic to be individually powered
down via unique control bits (CFR1<7:4>). With the exception
ts are not active when the externally
controlled power-down pin (PWRDWNCTL) is high. External
power-down control is supported on the AD9953 via the
PWRDWNCTL input pin. When the PWRDWNCTL input pin
is high, the AD9953 will enter a power-down mode based on
the CFR1<3> bit. When the PWRDWNCTL input pin is low,
the external power-down control is inactive.
c 0, which
assuming the contro
co
active high
Power-Down Functions of the A
in
c
t data formats. This
of CFR1<6>, these bi
f
T
fi
se
written in the format indicated by Control Register 0x00 <8>. If
the AD9953 is in LSB first mode, the instruction byte must be
written from least significant bit to most significant bit.
For MSB first operation, the serial port controller will generate
the most significant byte (of the specified register) a
followed by the next lesser significant byte addresses until the
To write the ampli
ter in L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com