Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9953
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9953_15 Datasheet HTML 24Page - Analog Devices AD9953_15 Datasheet HTML 25Page - Analog Devices AD9953_15 Datasheet HTML 26Page - Analog Devices AD9953_15 Datasheet HTML 27Page - Analog Devices AD9953_15 Datasheet HTML 28Page - Analog Devices AD9953_15 Datasheet HTML 29Page - Analog Devices AD9953_15 Datasheet HTML 30Page - Analog Devices AD9953_15 Datasheet HTML 31Page - Analog Devices AD9953_15 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9953
Rev. A | Page 30 of 32
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MS-026-ABC
OUTLINE DIMENSIONS
0.50 BSC
LEAD PITCH
9.00
BSC SQ
0.27
0.22
0.17
7.00
BSC SQ
37
37
48
48
1
13
1
12
24
13
24
25
36
25
36
12
1.05
1.00
0.20
0.09
0.95
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
0.75
0.60
0.45
1.20
MAX
VIEW A
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
PIN 1
3.50
SQ
EXPOSED
PAD
Figure 30. 48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-48-4)
Dimensions shown in millimeters
RDERING GUIDE
odel
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
O
M
AD9953YSV
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-48-4
AD9953YSV-REEL7
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
500
SV-48-4
AD9953YSVZ1
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-48-4
AD9953YSVZ-REEL71
−40°C to +105°C
48-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
500
SV-48-4
AD9954/PCBZ1
Evaluation Board Used for the AD9953
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com