Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9953
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 1 Page - Analog Devices

  AD9953_15 Datasheet HTML 1Page - Analog Devices AD9953_15 Datasheet HTML 2Page - Analog Devices AD9953_15 Datasheet HTML 3Page - Analog Devices AD9953_15 Datasheet HTML 4Page - Analog Devices AD9953_15 Datasheet HTML 5Page - Analog Devices AD9953_15 Datasheet HTML 6Page - Analog Devices AD9953_15 Datasheet HTML 7Page - Analog Devices AD9953_15 Datasheet HTML 8Page - Analog Devices AD9953_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
400 MSPS, 14-Bit, 1.8 V CMOS
Direct Digital Synthesizer
AD9953
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2009 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS internal clock speed
Integrated 14-bit DAC
32-bit tuning word
Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
Excellent dynamic performance
>80 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
Serial I/O control
1.8 V power supply
Software and hardware controlled power-down
48-lead TQFP/EP package
Support for 5 V input levels on most digital inputs
PLL REFCLK multiplier (4× to 20×)
Internal oscillator, can be driven by a single crystal
Phase modulation capability
Multichip synchronization
APPLICATIONS
Agile VHF/UHF LO frequency synthesis
FM chirp source for radar and scanning systems
Nonlinear-shaped PSK/FSK modulator
Test and measurement equipment
FUNCTIONAL BLOCK DIAGRAM
1024
× 32
STATIC RAM
COS(X)
CONTROL REGISTERS
OSCILLATOR/BUFFER
SYNC
ENABLE
I/O UPDATE
Z–1
OSK
PWRDWNCTL
REFCLK
REFCLK
CRYSTAL OUT
I/O PORT
PS<1:0>
RAM DATA <31:18>
MUX
SYSTEM
CLOCK
SYSTEM
CLOCK
DAC_RSET
DDS CORE
PHASE
OFFSET
PHASE
ACCUMULATOR
Z–1
IOUT
IOUT
RAM
DATA
DAC
SYNC_IN
PHASE
OFFSET
WORD
SYNC_CLK
RESET
TIMING AND CONTROL LOGIC
4
×–20×
CLOCK
MULTIPLIER
÷ 4
AD9953
32
14
14
14
32
10
3
19
14
0
M
U
X
32
M
U
X
M
U
X
Figure 1.


Similar Part No. - AD9953_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
More results

Similar Description - AD9953_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954 Datasheet
1Mb / 36P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859 Datasheet
574Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
5/09-Rev. 0 to Rev. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com