Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9953
Description  400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9953_15 Datasheet HTML 14Page - Analog Devices AD9953_15 Datasheet HTML 15Page - Analog Devices AD9953_15 Datasheet HTML 16Page - Analog Devices AD9953_15 Datasheet HTML 17Page - Analog Devices AD9953_15 Datasheet HTML 18Page - Analog Devices AD9953_15 Datasheet HTML 19Page - Analog Devices AD9953_15 Datasheet HTML 20Page - Analog Devices AD9953_15 Datasheet HTML 21Page - Analog Devices AD9953_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9953
Rev. A | Page 18 of 32
e charge
<1:0>, sets the charge pump
bit added (01, 10,
ump current:
(ASF)
p rate speed value
ed in the output shaped
, 10, 11}, the
al OSK mode, ASF<15:14> has no effect.
ectly. If the OSK
o effect
he
core.
e output of the phase
e output signal. The
mula:
CFR2<1:0>: Charge Pump Current Control Bits
These bits are used to control the current setting on th
pump. The default setting, CFR2
current to the default value of 75 μA. For each
11), 25 μA of current is added to the charge p
100 μA, 125 μA, and 150 μA.
Other Register Descriptions
Amplitude Scale Factor
The ASF register stores the 2-bit auto ram
and the 14-bit amplitude scale factor us
keying (OSK) operation. In auto OSK operation, ASF <15:14>
tells the OSK block how many amplitude steps to take for each
increment or decrement. For ASF<15:14> = {00, 01
increment/decrement is set to {1, 2, 4, 8}, respectively. ASF
<13:0> sets the maximum value achievable by the OSK internal
multiplier. In manu
ASF <13:0> provides the output scale factor dir
enable bit is cleared, CFR1<25> = 0, this register has n
on device operation.
Amplitude Ramp Rate (ARR)
The ARR register stores the 8-bit amplitude ramp rate used in
the auto OSK mode. This register programs the rate at which
the amplitude scale factor counter increments or decrements. If
the OSK is set to manual mode, or if OSK enable is cleared, this
register has no effect on device operation.
Frequency Tuning Word 0 (FTW0)
The frequency tuning word is a 32-bit register that controls t
rate of accumulation in the phase accumulator of the DDS
Its specific role is dependent on the device mode of operation.
Phase Offset Word (POW)
The phase offset word is a 14-bit register that stores a phase
offset value. This offset value is added to th
he current phase of th
accumulator to offset t
exact value of phase offset is given by the following for
°
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Φ
360
2
14
POW
RAM Segment Control Words (RSCW0, RSCW1, RSCW
and RSCW3)
2,
R1<21> is clear,
ent
o-dwell bit.
AM Segment Address Ramp Rate, RSCW<39:24>
or RAM modes that step through address values, such as
SYNC_CLK
ent. The order in which the bits
e bits must be written.
he write operation is more
its
5>, is the MSB of the final address value.
<7:5>
eping profiles. In
ginning address and dwell there
d.
operations from and to the RAM are valid, but they cannot
occur simultaneously. Write operations fro
the serial I/O port
have precedence, and if an attempt to write to RAM is made
in multiple ways, dictated by the modes of
d <7:5>
or or the
M destina-
utput
e
offset control word(s) for the device. When CFR1<30> is
Logic 0 (default condition), the RAM output is connected to the
When the linear sweep enable bit CF
Registers 0x07, 0x08, 0x09, and 0x0A act as the RAM segm
control words for each of the RAM segments. Each of the RAM
segment control words is comprised of a RAM segment address
ramp rate, a final address value, a beginning address value, a
AM segment mode control, and a n
R
R
F
ramping, this 16-bit word defines the number of
cycles the RAM controller dwells at each address. A value of 0 is
invalid. Any other value from 1 to 65535 may be used.
RAM Segment Final Address RSCW<9:8>, RSCW<23:16>
This discontinuous 10-bit sequence defines the final address
value for the given RAM segm
are listed is the order in which th
RSCW<23>, even though during t
significant than RSCW<9>, is only the third MSB of the final
address value. RSCW<9>, even though it comes later in the
RSCW than RSCW<23>, is the MSB of the final address value.
RAM Segment Beginning Address RSCW<3:0>, <15:10>
This discontinuous 10-bit sequence defines the final address
value for the given RAM segment. The order in which the b
are listed is the order in which the bits must be written.
RSCW<15>, even though during the write operation is more
significant than RSCW<3>, is only the fifth MSB of the final
address value. RSCW<3>, even though it comes later in the
RSCW than RSCW<1
RAM Segment Mode Control RSCW
This 3-bit sequence determines the RAM segment’s mode of
operation. There are only five possible RAM modes, so only
values of 0 to 5 are valid. See Table 6 to determine the bit
combination for various RAM modes.
RAM Segment No-Dwell Bit RSCW<4>
This bit sets the no-dwell feature of swe
profiles that sweep from a defined beginning to a defined end,
the RAM controller can either dwell at the final address until
the next profile is selected or, when this bit is set, the RAM
controller will return to the be
until the next profile is selecte
RAM
The AD9953 incorporates a 1024 × 32 block of SRAM. The
RAM is a bidirectional single port. Both read and write
m
during a read operation, the read operation will be halted. The
RAM is controlled
operation described in the RAM Segment Control Wor
as well as data in the control function register. Read/write
control for the RAM will be described for each mode
supported.
When the RAM enable bit (CFR1<31>) is set, the RAM output
optionally drives the input to the phase accumulat
phase offset adder, depending on the state of the RA
tion bit (CFR1<30>). If CFR1<30> is a Logic 1, the RAM o
is connected to the phase offset adder and supplies the phas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com