Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP361_15 Datasheet HTML 2Page - Analog Devices ADCMP361_15 Datasheet HTML 3Page - Analog Devices ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices ADCMP361_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP361
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
RISING INPUT THRESHOLD VOLTAGE (mV)
60
394 395 396 397 398 399 400 401 402 403 404 405 406
VDD = 5V
TA = 25°C
Figure 5. Distribution of Rising Input Threshold Voltage
0
5
10
15
20
25
30
HYSTERESIS (mV)
35
6.0 6.4 6.8 7.2 7.6 8.0 8.4 8.8 9.2 9.6 10.0 10.4 10.8
VDD = 5V
TA = 25°C
Figure 6. Distribution of Hysteresis
395
SUPPLY VOLTAGE (V)
401
400
399
398
397
396
1.7
5.7
5.2
4.7
4.2
3.7
3.2
2.7
2.2
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 7. Rising Input Threshold Voltage vs. Supply Voltage
0
10
20
30
40
FALLING INPUT THRESHOLD VOLTAGE (mV)
50
388 389 390 391 392 393 394 395 396 397 398 399 400
VDD = 5V
TA = 25°C
Figure 8. Distribution of Falling Input Threshold Voltage
396
TEMPERATURE (°C)
404
402
400
398
–40
–20
120
0
20
40
60
80
100
4
3
2
1
FOUR TYPICAL PARTS
VDD = 5V
Figure 9. Rising Input Threshold Voltage vs. Temperature
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
TEMPERATURE (°C)
12.0
–40
–20
120
0
20
40
60
80
100
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 10. Hysteresis vs. Temperature
Rev. B | Page 6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com