Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP361_15 Datasheet HTML 3Page - Analog Devices ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices ADCMP361_15 Datasheet HTML 10Page - Analog Devices ADCMP361_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADCMP361
4
5
6
7
8
9
10
11
SUPPLY VOLTAGE (V)
12
1.7
5.7
5.2
4.7
4.2
3.7
3.2
2.7
2.2
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 11. Hysteresis vs. Supply Voltage
10
4
5.2
SUPPLY VOLTAGE (V)
9
8
7
6
5
1.7
2.2
2.7
3.2
3.7
4.2
4.7
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
NO LOAD CURRENT
Figure 12. Quiescent Supply Current vs. Supply Voltage
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
TA = –40°C
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
Figure 13. Supply Current vs. Output Sink Current
–5
SUPPLY VOLTAGE (V)
1
1.5
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
0
–1
–2
–3
–4
Figure 14. Minimum Supply Voltage
50
0
1.5
SUPPLY VOLTAGE (V)
40
30
20
10
0
0.5
1.0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 15. Start-Up Supply Current
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
TA = 25°C
Figure 16. Supply Current vs. Output Sink Current
Rev. B | Page 7 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com