Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP361_15 Datasheet HTML 1Page - Analog Devices ADCMP361_15 Datasheet HTML 2Page - Analog Devices ADCMP361_15 Datasheet HTML 3Page - Analog Devices ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single 0.275% Comparator and Reference
with Dual Polarity Outputs
Data Sheet
ADCMP361
FEATURES
400 mV ± 0.275% threshold
Supply range: 1.7 V to 5.5 V
Low quiescent current: 6.5 µA typical
Input range includes ground
Internal hysteresis: 9.3 mV typical
Low input bias current: ±5 nA maximum
Dual open-drain outputs
Small SOT-23 package
Qualified for automotive applications
APPLICATIONS
Li-Ion monitoring
Threshold detectors
Relay driving
Optoisolator driving
Industrial control systems
Handheld instruments
FUNCTIONAL BLOCK DIAGRAM
IN
OUT
OUT
VDD
GND
400mV
ADCMP361
Figure 1.
GENERAL DESCRIPTION
The ADCMP361 is a single low power, high accuracy compara-
tor with a 400 mV reference in a 5-lead SOT-23 package. The
internal 400 mV reference provides the ability to monitor low
voltage supplies. The device operates on a supply voltage from
1.7 V to 5.5 V and only draws 6.5 µA typical, making it suitable
for low power system monitoring and portable applications.
Hysteresis is included in the comparators.
There are dual open-drain outputs to enable the comparator
and reference circuit to be used in an inverting or noninverting
configuration. The outputs can be pulled to any voltage up to a
maximum of 5.5 V. The output stage is guaranteed to sink greater
than 5 mA over temperature
The device is suitable for portable, commercial, industrial, and
automotive applications.
IN
OUT
ADCMP361
GND
OUT
R1
4.7MΩ
R2
1MΩ
R3
1MΩ
+
+
–
VDD
3V
Li-Ion
CELL
C1
100nF
400mV
Figure 2. Typical Li-Ion Monitoring Application
2.280V
2.271V
CHARGING
DISCHARGING
VBATT
VOUT
Figure 3. Li-Ion Monitoring Waveforms
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361ARJ AD-ADCMP361ARJ Datasheet
115Kb / 13P
Single Comparator with 400mV Reference and Dual Polarity Outputs
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
More results

Similar Description - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
Comparator with Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
Single Comparator with 400mV Reference and Dual Polarity Outputs
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Analog Devices
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
Comparator with Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Analog Devices
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com