Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices ADCMP361_15 Datasheet HTML 10Page - Analog Devices ADCMP361_15 Datasheet HTML 11Page - Analog Devices ADCMP361_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADCMP361
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
1000
10
0.01
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 85°C
Figure 23. Output Saturation Voltage vs. Output Sink Current
0
OUTPUT VOLTAGE (V)
40
20
0
2
70
4
60
30
10
50
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 24. Short-Circuit Current vs. Output Voltage
0
INPUT OVERDRIVE (mV)
0
20
40
60
60
50
40
30
20
10
80
100
LH NONINV
LH INV
HL NONINV
HL INV
TA = 25°C
Figure 25. Propagation Delay vs. Input Overdrive
0
OUTPUT VOLTAGE (V)
40
20
0
2
80
4
60
30
10
70
50
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
VDD = 5V
Figure 26. Short-Circuit Current vs. Output Voltage
0.001
OUTPUT VOLTAGE (V)
0.01
0
1
2
3
10
4
5
1
0.1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V
Figure 27. Output Leakage Current vs. Output Voltage
0.01
OUTPUT PULL-UP RESISTOR (kΩ)
1
0.1
1
100
10
10
0.1
100
1000
RISE
FALL
VDD = 5V
CL = 20pF
TA = 25°C
Figure 28. Rise and Fall Times vs. Output Pull-Up Resistor
Rev. B | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com