Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices ADCMP361_15 Datasheet HTML 10Page - Analog Devices ADCMP361_15 Datasheet HTML 11Page - Analog Devices ADCMP361_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP361
Data Sheet
Rev. B | Page 10 of 12
CH1 50.0mV
CH3 5.00V
CH2 5.00V
M20.0µs
CH1
7mV
2
3
1
VIN (+INA, –INB)
NON INV (OUTA)
INV (OUTB)
Figure 29. Noninverting and Inverting Comparators Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com