Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC317 Datasheet(PDF) 4 Page - NEC

Part # UPC317
Description  3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC317 Datasheet(HTML) 4 Page - NEC

  UPC317 Datasheet HTML 1Page - NEC UPC317 Datasheet HTML 2Page - NEC UPC317 Datasheet HTML 3Page - NEC UPC317 Datasheet HTML 4Page - NEC UPC317 Datasheet HTML 5Page - NEC UPC317 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet G12826EJ3V0DS00
4
µµµµPC317
ELECTRICAL CHARACTERISTICS
(VIN
−−−− VO = 5 V, IO = 0.5 A, 0°°°°C ≤≤≤≤ TJ ≤≤≤≤ +125°°°°C, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
TA = 25
°C, 3 V ≤ (VIN – VO) ≤ 40 V, IO = 0.1 ANote
0.01
0.04
%/V
Line Regulation
REGIN
3 V
≤ (VIN – VO) ≤ 40 V, IO = 0.1 ANote
0.02
0.07
%/V
VO
≤ 5 V
5
25
mV
TJ = 25
°C
10 mA
≤ lO ≤ 1.5 ANote
VO
≥ 5 V
0.1
0.5
%
VO
≤ 5 V
20
70
mV
Load Regulation
REGL
10 mA
≤ lO ≤ 1.5 ANote
VO
≥ 5 V
0.3
1.5
%
Thermal Regulation
REGTH
TA = 25
°C, 0.2 ms ≤ t ≤ 20 ms
0.01
0.07
%/W
ADJ pin Output Current
IADJ
50
100
µA
IADJ Change
∆IADJ
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
0.4
5
µA
Reference Voltage
VREF
10 mA
≤ IO ≤ 1.5 A, PT ≤ 15 W
1.20
1.25
1.30
V
Temperature Stability of VREF
∆VREF/∆T0.7
%
Minimum Load Current
IOMIN.
VIN
− VO = 40 V
4.7
10
mA
5 V
≤ (VIN − VO) ≤ 15 V
1.5
2.2
2.9
A
Peak Output Current
IOpeak
VIN
− VO = 40 V
0.15
0.8
A
Output Noise Voltage (RMS)
Vn
TA = 25
°C, 10 Hz ≤ f ≤ 10 kHz
0.001
%
CADJ = 0
48
dB
Ripple Rejection
R
• R
TA = 25
°C, ∆VIN = 1 Vr.m.s
f = 120 Hz, VO = 10 V
CADJ = 10
µF
56
65
dB
Note Measured at constant junction temperature, using pulse testing with a low duty cycle.
PW = 10 ms, Duty Cycle
≤ 2 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com