Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC317 Datasheet(PDF) 5 Page - NEC

Part # UPC317
Description  3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC317 Datasheet(HTML) 5 Page - NEC

  UPC317 Datasheet HTML 1Page - NEC UPC317 Datasheet HTML 2Page - NEC UPC317 Datasheet HTML 3Page - NEC UPC317 Datasheet HTML 4Page - NEC UPC317 Datasheet HTML 5Page - NEC UPC317 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet G12826EJ3V0DS00
5
µµµµPC317
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified. Reference Values.)
TA - Operating Ambient Temperature -
°C
PT vs TA
IOpeak vs (VIN – VO)
VREF vs TJ
TJ - Operating Junction Temperature -
°C
(VIN – VO) - Input - Output Voltage Differential - VTJ - Operating Junction Temperature -
°C
REGL vs TJ
TJ - Operating Junction Temperature -
°C
IADJ vs TJ
VDIF - Minimum Dropout Voltage - V
IOMIN. vs VDIF
0
−25
25
50
75
100
125
10
20
30
40
0
60
50
40
6
20
10
30
40
0
−25
25
50
75
100
125
3.0
2.0
1.0
0
1.27
25
50
75
100
125
0
−25
25
50
75
100
125
25
20
15
10
5
0
1.0
0.5
0
1.26
1.25
1.24
1.23
5
4
3
2
1
With 10
°C/W heatsink
No heatsink
Infinite heatsink
TJ =
−20 °C
25
°C
125
°C
VIN
−VO = 5 V
IO = 0.5 A
VIN
−VO = 5 V
IO = 0.5 A
VIN = 10 V
VO = 5 V
TJ = 125
°C
TJ = 25
°C
TJ =
−20 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com