Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC317 Datasheet(PDF) 2 Page - NEC

Part # UPC317
Description  3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC317 Datasheet(HTML) 2 Page - NEC

  UPC317 Datasheet HTML 1Page - NEC UPC317 Datasheet HTML 2Page - NEC UPC317 Datasheet HTML 3Page - NEC UPC317 Datasheet HTML 4Page - NEC UPC317 Datasheet HTML 5Page - NEC UPC317 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet G12826EJ3V0DS00
2
µµµµPC317
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified.)
Parameter
Symbol
Rating
Unit
Input-Output Voltage Differential
VIN
− VO
–0.3 to +40
V
Total Power Dissipation (TC = 25
°C)
PT
15
Note
W
Operating Ambient Temperature
TA
–20 to +80
°C
Operating Junction Temperature
TJ
–20 to +150
°C
Storage Temperature
Tstg
–65 to +150
°C
Thermal Resistance (junction to case)
Rth (J–C)
5
°C/W
Thermal Resistance (junction to ambient)
Rth (J–A)
65
°C/W
Note Internally limited.
When operating junction temperature rise up to 150°C (
≤200°C), the internal circuit shutdown output
voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input-Output Voltage Differential
VIN – VO
3
38.7
V
Input Voltage
VIN
4.3
40
V
Output Voltage
VO
1.3
30
V
Output Current
IO
0.01
1.5
A
Operating Junction Temperature
TJ
–20
+125
°C
Caution The recommended operating range may be exceeded without causing any problems provided
that the absolute maximum ratings are not exceeded. However, if the device is operated in a way
that exceeds the recommended operating conditions, the margin between the actual conditions
of use and the absolute maximum ratings is small, and therefore thorough evaluation is
necessary. The recommended operating conditions do not imply that the device can be used
with all values at their maximum values.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com