Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC317 Datasheet(PDF) 1 Page - NEC

Part # UPC317
Description  3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC317 Datasheet(HTML) 1 Page - NEC

  UPC317 Datasheet HTML 1Page - NEC UPC317 Datasheet HTML 2Page - NEC UPC317 Datasheet HTML 3Page - NEC UPC317 Datasheet HTML 4Page - NEC UPC317 Datasheet HTML 5Page - NEC UPC317 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC317
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
Document No. G12826EJ3V0DS00 (3rd edition)
Date Published January 2000 N CP(K)
Printed in Japan
DATA SHEET
©
2000
DESCRIPTION
The
µPC317 is an adjustable 3-terminal positive voltage regulator, which has 1.5 A capable for the output current.
The output voltage can be set any value between 1.3 V and 30 V by two external resistors.
FEATURES
PIN CONFIGURATION (Marking Side)
•
Output current excess of 1.5 A
•
On-chip some protection circuit (over current protec-
tion, SOA protection and thermal shut down).
ORDERING INFORMATION
Part Number
Package
µPC317HF
3-pin plastic SIP (MP-45G) (isolated TO-220)
EQUIVALENT CIRCUIT
R27
R6
R1
R9
R10 R11 R12
R13
R14
R15
Q19
Q11
Q7
Q9
Q6
Q5
Q3
Q2
Q12
R2
R7
R8
R3
R4
R5
D1
Q4
Q8
Q14
C1
C2
C3
Q18
Q22
D2
D3
R23
R22
R20
R17
R16
R21
R18
R19
R24
R25
R26
Q20
Q24
Q21
Q23
Q26
Q25
Q16
Q17
Q13
Q15
Q10
OUTPUT
INPUT
ADJ
3-pin plastic SIP (MP-45G)
µPC317HF
123
1 : ADJ
2 : OUTPUT
3 : INPUT


Similar Part No. - UPC317

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC317HF RENESAS-UPC317HF Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC317HF-AZ RENESAS-UPC317HF-AZ Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317 FAIRCHILD-LM317 Datasheet
578Kb / 5P
3-Terminal Positive Adjustable Regulator
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317MDT TGS-LM317MDT Datasheet
51Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317S TGS-LM317S Datasheet
109Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
3-Terminal Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com