Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC317 Datasheet(PDF) 6 Page - NEC

Part # UPC317
Description  3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC317 Datasheet(HTML) 6 Page - NEC

  UPC317 Datasheet HTML 1Page - NEC UPC317 Datasheet HTML 2Page - NEC UPC317 Datasheet HTML 3Page - NEC UPC317 Datasheet HTML 4Page - NEC UPC317 Datasheet HTML 5Page - NEC UPC317 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet G12826EJ3V0DS00
6
µµµµPC317
∆VO
VO
= 2 %
IO = 1.0 A
IO = 0.5 A
IO = 0.2 A
IO = 0.02 A
IO = 1.5 A
−25
0
25
50
75
100
125
150
TJ - Operating Junction Temperature -
°C
VDIF vs TJ
0
5
10
15
20
25
30
VO - Output Voltage - V
R • R vs VO
10
100
1 k
10 k
100 k
f - Frequency - Hz
RO vs f
10
100
1 k
10 k
100 k
f - Frequency - Hz
R • R vs f
CADJ = 0 F
CADJ = 10 F
CADJ = 0
CADJ = 10 F
CADJ = 0
VIN = 15 V
VO = 10 V
IO = 0.5 A
CO = 0
TA = 25
°C
VIN
−VO = 5 V
IO = 0.5 A
f = 120 Hz
TA = 25
°C
010
20
30
40
t - Time - s
LINE TRANSIENT RESPONSE
CADJ = 10 F
VIN = 15 V, TA = 25
°C
VO = 10 V
IO = 50 mA
0 F
1 F
CADJ = 10 F, CO = 10 F
0
10203040
LOAD TRANSIENT RESPONSE
VIN = 15 V
VO = 10 V
TA = 25
°C
0 F
1 F
CADJ = 10 F, CO = 10 F
IOL = 10 mA
µ
µ
µ
µ
µ
µ
µ
µµ
µ
µ
µ
t - Time - s
µ
µ
80
70
60
50
40
30
20
10
0
10
1
0.1
0.01
0.001
4.0
3.5
3.0
2.5
2.0
1.5
1.0
80
70
60
50
40
30
20
10
VIN = 15 V
VO = 10 V
IO = 0.5 A
TA = 25
°C
+1
1.0
0.5
0
0
−1
+2
0
−2
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com