Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP340 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFP340
Description  11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP340 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFP340 Datasheet HTML 1Page - Intersil Corporation IRFP340 Datasheet HTML 2Page - Intersil Corporation IRFP340 Datasheet HTML 3Page - Intersil Corporation IRFP340 Datasheet HTML 4Page - Intersil Corporation IRFP340 Datasheet HTML 5Page - Intersil Corporation IRFP340 Datasheet HTML 6Page - Intersil Corporation IRFP340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-329
File Number
2088.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFP340
11A, 400V, 0.550 Ohm, N-Channel
Power MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
N-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching converters, motor drivers, relay drivers,
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. They can be
operated directly from integrated circuits.
Formerly developmental type TA17424.
Features
• 11A, 400V
•rDS(ON) = 0.550Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFP340
TO-247
IRFP340
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
DRAIN
(FLANGE)
GATE
Data Sheet
July 1999


Similar Part No. - IRFP340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
logo
Vishay Siliconix
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP340 VISHAY-IRFP340 Datasheet
884Kb / 11P
Power MOSFET
24-Jan-2022
logo
Inchange Semiconductor ...
IRFP340A ISC-IRFP340A Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT12N40 AOSMD-AOT12N40 Datasheet
311Kb / 5P
400V,11A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDFS11N60 MGCHIP-MDFS11N60 Datasheet
1Mb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDP11N60 MGCHIP-MDP11N60 Datasheet
1Mb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com