Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9028 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FN9028
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9028 Datasheet(HTML) 5 Page - Intersil Corporation

  FN9028 Datasheet HTML 1Page - Intersil Corporation FN9028 Datasheet HTML 2Page - Intersil Corporation FN9028 Datasheet HTML 3Page - Intersil Corporation FN9028 Datasheet HTML 4Page - Intersil Corporation FN9028 Datasheet HTML 5Page - Intersil Corporation FN9028 Datasheet HTML 6Page - Intersil Corporation FN9028 Datasheet HTML 7Page - Intersil Corporation FN9028 Datasheet HTML 8Page - Intersil Corporation FN9028 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ISL6160 Description and Operation
The ISL6160 is the first power supply sequencer for the
emerging InfiniBand module (IM) hot swap application. This IC
controls both the +12V VB(ulk) and +5V VA(ux) supplies
providing soft start during hot insertion and overcurrent (OC)
protection during operation.
For VB control and protection, the ISL6160 features include an
accurate current detecting comparator, current limiting for the
range of both 25W and 50W capable power ports, a current
regulated time delay to latch off and soft start turn-on ramp.
These features are all programmable with a minimum of
external passive components. The ISL6160 also includes
severe overcurrent protection that immediately shuts down the
MOSFET switch should there be a shorted IM load.
The VB_ON pin provides on-off control of the external VB
switch once VB_IN > 9V. Driving this pin high causes the gate
pin to charge the external gate capacitor with a 10uA current
setting the soft start ramp rate. Large capacitive loads can thus
be safely turned on with no inrush current spiking nor disruption
of the voltage supply rail.
The VB load current passes through an external current sense
resistor. When the voltage across the sense resistor exceeds
the user programmed ISET voltage threshold, the controller
enters current regulation (CR). The regulated current level is
fixed by the RISET and RSENSE resistors. See Table 1 for
RISET programming resistor value and the resulting nominal
CR threshold voltage.
During CR, the CTIM pin starts charging the time-out capacitor
with a 20
µA current source and the controller enters the delay
time to latch-off period. This feature allows transient currents
that exceed the designed limit to pass without immediately
CTIM PARAMETERS
CTIM Charging Current
CTIM_ichg0
VCTIM = 0V
16
20
23
µA
CTIM Fault Pull-Up Current
CTIM_ichg6
VCTIM = 6V
5
8
11
mA
Current Limit Time-Out Threshold Voltage
CTIM_Vth
CTIM Voltage
1.3
1.8
2.3
V
+5V AUXILIARY SUPPLY CONTROL
VA Integrated Switch On Resistance
rDS(ON)
VIN = 5V, IOUT = 0.4A, TA = TJ = 25
oC
-
0.125
0.150
Ω
TA = TJ = 85
oC
-
0.160
0.200
Ω
Disabled Output Voltage
VOUT_DIS
VIN = 5V, Switch Disabled, No Load
-
300
450
mV
VOUT Rising Rate
t_vout_rt
RL = 10Ω, CL = 0.1µF, 10%-90%
-
8
-
V/mS
Slow VOUT turn-off rate
Toff_svout
RL = 10Ω, CL = 0.1µF, 90%-10%
-
8
-
V/mS
Fast VOUT turn-off rate
Toff_fvout
RL = 10Ω, CL = 0.1µF, 90%-10%
-
4
-
V/uS
CURRENT CONTROL
Current Limit
Ilim
0.75
1
1.25
A
OC Regulation Settling Time
Tsett_ocr
RL= 5Ω, CL= 0.1µF to Within 10% of CR
-
1.5
-
ms
Severe OC Regulation Settling Time
Tsett_socr
RL< 1Ω, CL= 0.1µF to Within 10% of CR
-
100
-
µs
Over Current Latch-off Time
tOC_loff
-12
ms
I/O PARAMETERS
Fault Output Voltage
Vfault_hi
IOUT = 10mA
-
-
0.3
V
ENABLE High Threshold
Ven_vih
VIN = 5.5V
2.0
-
-
V
ENABLE Low Threshold
Ven_vil
VIN = 4.5V
-
-
0.8
V
ENABLE Input Current
Ien_i
ENABLE = 0V to 5V, VIN = 5V, TJ > 25
oC
-0.5
-
0.5
µA
BIAS PARAMETERS
Enabled VA_Iin Current
Ien_VA
Switches Closed, VA_Out = OPEN, TJ >0
oC
-
120
200
µA
Disabled VA_Iin Current
Idis_VA
Switches Open, VA_Out = OPEN
-
1
5
µA
Undervoltage Lockout Threshold
VUVLO
VIN Rising, Switch Enabled
1.7
2.25
2.5
V
UV Hysteresis
UVHYS
50
100
-
mV
Electrical Specifications
Nominal VB = +12V, VA = +5V, TA = TJ = -40
oC - 85oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S
TABLE 1.
NOMINAL REGULATION LEVEL
(RSENSE = 0.020Ω)
RISET
RESISTOR
NOMINAL
OC Vth
CURRENT (A)
POWER (W)
1.0k
Ω
20mV
1
12
2.8k
Ω
56mV
2.8
33.6
3.48k
Ω
70mV
3.5
42
5.6k
Ω
112mV
5.6
67.2
NOTE: Nominal Vth = RISET x 20µA.
ISL6160



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com