Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9028 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FN9028
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9028 Datasheet(HTML) 1 Page - Intersil Corporation

  FN9028 Datasheet HTML 1Page - Intersil Corporation FN9028 Datasheet HTML 2Page - Intersil Corporation FN9028 Datasheet HTML 3Page - Intersil Corporation FN9028 Datasheet HTML 4Page - Intersil Corporation FN9028 Datasheet HTML 5Page - Intersil Corporation FN9028 Datasheet HTML 6Page - Intersil Corporation FN9028 Datasheet HTML 7Page - Intersil Corporation FN9028 Datasheet HTML 8Page - Intersil Corporation FN9028 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN9028.1
ISL6160
InfiniBand +12V Bulk and +5V Auxiliary
Power Controller
The ISL6160 is designed to address the unique power
requirements of the InfiniBand (IB) industry initiative
providing independent power control of both the VB(bulk)
(+12V) and the VA(auxiliary) (+5V) power rails for a single
port. This device can be implemented in both IB Class I (non
isolated) and Class II (isolated) Power Topology applications.
The ISL6160, along with an N-Channel power MOSFET and
a minimal number of passive components provides soft
starting ramps of both the VB and VA voltages for an IB
module. It also provides accurate and consistent current
regulated outputs for a determined period of time before
latch-off in the presence of overcurrent (OC) conditions.
In addition the ISL6160 provides the enable signal to the on
module DC-DC converter either upon module insertion to
chassis or from a wake event request.
See Figure 1 for typical application usage.
Features
• VB Programmable Overcurrent Protection Regulation
Level for 25W and 50W Ports
• Internal Charge Pump Allows the Use of an N-Channel
MOSFET for VB Control
• VB Adjustable Turn-On Ramp
• Soft Start Overcurrent Protection During Turn-On
• Two Levels of VB Overcurrent Detection and Protection
• VA and VB Undervoltage Lock-Outs
•0.125
Ω Integrated Power N-Channel MOSFET VA Switch
• Accurate VA Current Sensing and Limiting (1A)
• Timed Current Regulation Period (VB Optional)
• VA Controlled Turn-On Ramp Time
•1
µs Response Time to VB Secondary Rail Dead Short
•
Pb-free available
Applications
• InfiniBand VB and VA Voltage Control
• -48V and 5V Telecom
Pinout
ISL6160
(14 LEAD SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6160CB
-40 to 85
14 Ld SOIC
M14.15
ISL6160CBZA
(See Note)
-40 to 85
14 Ld SOIC
(Pb-free)
M14.15
ISL6160EVAL2
IB Class I Power Topology Evaluation Platform
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
FIGURE 1. TYPICAL APPLICATION USAGE
+
VB(ulk)
DC-DC EN
VA_FLTn
VA_ENn
VB_ON
VA_IN
VA_Out
ISET
ISEN
GATE
VB_IN
VB_Ret
+ VA(ux)
(OPT.)
VA_Ret
LOCAL PWR EN
VBxEN_L
VB SECONDARY RAIL TO DC-DC
TO DC-DC
CTIM
(OPT.)
GATE
VB_Ret
VB_IN
CTIM
DC-DC ENABLE
ISET
VA_FLTn
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ISEN
VA_OUT
VA_ENn
VA_IN
NC
VA_Ret
VB_ON
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - FN9028

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FN9012 INTERSIL-FN9012 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
More results

Similar Description - FN9028

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
Synchronous CPU Buck Controller for 12V and 5V Applications
Rev. 3/11/99
logo
Maxim Integrated Produc...
MAX8533 MAXIM-MAX8533 Datasheet
240Kb / 10P
Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
Rev 0; 4/03
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com