Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9028 Datasheet(PDF) 9 Page - Intersil Corporation

Part # FN9028
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9028 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button FN9028 Datasheet HTML 3Page - Intersil Corporation FN9028 Datasheet HTML 4Page - Intersil Corporation FN9028 Datasheet HTML 5Page - Intersil Corporation FN9028 Datasheet HTML 6Page - Intersil Corporation FN9028 Datasheet HTML 7Page - Intersil Corporation FN9028 Datasheet HTML 8Page - Intersil Corporation FN9028 Datasheet HTML 9Page - Intersil Corporation FN9028 Datasheet HTML 10Page - Intersil Corporation FN9028 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 11. GATE DRIVE VOLTAGE, VB = 12V
FIGURE 12. VB POWER ON RESET VOLTAGE THRESHOLD
FIGURE 13. VA = 5V SWITCH ON RESISTANCE AT 0.4A
FIGURE 14. VA CURRENT REGULATION vs. VA OUT
FIGURE 15. CR SETTLING TIME vs. VA IOUT
FIGURE 16. -VA TURN-ON INTO 1.5A FAULT
Typical Performance Curves (Continued)
17.200
17.183
17.166
17.150
17.133
17.100
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
17.116
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
8.0
8.5
8.1
8.2
8.3
8.4
VB LO TO HI
VB HI TO LO
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (oC)
100
120
140
160
180
200
220
240
260
100
1.3 1.5
2.0
2.5
3.0
3.5
4.0
4.5
VA OUT (V)
4.8
800
900
1000
1100
1200
85oC
-40oC
25oC
123456789
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
FAULT CURRENT (A)
VOUT (1V/DIV.)
TIME (2ms /DIV.)
FLTN
VA OUT
12MS VA LATCH OFF DELAY
ISL6160



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com