Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9028 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FN9028
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9028 Datasheet(HTML) 3 Page - Intersil Corporation

  FN9028 Datasheet HTML 1Page - Intersil Corporation FN9028 Datasheet HTML 2Page - Intersil Corporation FN9028 Datasheet HTML 3Page - Intersil Corporation FN9028 Datasheet HTML 4Page - Intersil Corporation FN9028 Datasheet HTML 5Page - Intersil Corporation FN9028 Datasheet HTML 6Page - Intersil Corporation FN9028 Datasheet HTML 7Page - Intersil Corporation FN9028 Datasheet HTML 8Page - Intersil Corporation FN9028 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
ISET
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor.
This pin functions as the current regulation level voltage programming pin.
CR Vth = RISET X 20µA
2
ISEN
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this
resistor.
3
GATE
External FET Gate
Drive Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to
ground sets the turn-on ramp. At turn-on this capacitor will be charged to VB +5V by a 10
µA
current source.
4
VB_Ret
VB Chip Return
Bulk voltage ground
5
VA_Ret
VA Chip Return
Auxiliary voltage ground
6
VA_IN
VA Bias, Controlled
Supply Input,
Undervoltage Lock-Out
VA_IN provides the chip with +5V bias voltage. At VA < 2.5V, VA control functionality is
disabled, FAULT latch is cleared and floating and VA_OUT is held low.
7
VA_ENn
VA enable / disable
Connected to VA_Ret through the IB connector, VA is asserted on module when VA_ENn
is low. Cycle to reset after latch-off. POR also resets latch.
8NC
NC
9
VA_OUT
Controlled Supply
Output
Upon an OC condition VA_OUT is current limited to 1A. Current limit response time is within
200
µs. VA_Out will remain in current limit for ~10mS before being latched off.
10
VA_ FLTn
Over Current Fault
Indicator
Over current fault indicator. VA_FLTn floats and is disabled until VA >2.5V. This output is
pulled low after the OC time-out period has expired and stays latched until module is
removed.
11
VB_IN
VB / Chip Supply
+12V Chip Supply.
12
CTIM
VB Current Regulation
Period
Connect a capacitor from this pin to ground. This capacitor determines the time delay
between an overcurrent event and chip output shutdown (current limit time-out). The
duration of current limit time-out (in seconds) = 93k
Ω x CTIM (Farads).
13
DC-DC
ENABLE
VB_In Power Good
and DC-DC Enable
Signal
Indicates that the VB voltage on ISEN pin is within specification and enables the DC-DC
converter. DC-DC ENABLE is driven by an open drain N-Channel MOSFET and is pulled
low when VB Secondary rail (VISEN) is not within specification.
14
VB_ON
VB Sequencer Enable
Control Signal
VB_ON is used to control and reset the VB supply to IB module. VB is asserted on, when
VB_ON pin is driven high or is open. After a latch-off VB is reset by a low level signal applied
to this pin. This input has 20
µA pull-up capability.
ISL6160



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com