Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9028 Datasheet(PDF) 8 Page - Intersil Corporation

Part # FN9028
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN9028 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button FN9028 Datasheet HTML 3Page - Intersil Corporation FN9028 Datasheet HTML 4Page - Intersil Corporation FN9028 Datasheet HTML 5Page - Intersil Corporation FN9028 Datasheet HTML 6Page - Intersil Corporation FN9028 Datasheet HTML 7Page - Intersil Corporation FN9028 Datasheet HTML 8Page - Intersil Corporation FN9028 Datasheet HTML 9Page - Intersil Corporation FN9028 Datasheet HTML 10Page - Intersil Corporation FN9028 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Typical Performance Curves
FIGURE 5. VB BIAS CURRENT
FIGURE 6. ISET SOURCE CURRENT
FIGURE 7. CTIM CURRENT SOURCE
FIGURE 8. CTIM OC VOLTAGE THRESHOLD
FIGURE 9. VB UV THRESHOLD
FIGURE 10. GATE CHARGE CURRENT
4.5
4.0
3.5
3.0
2.5
2.0
020
30
50
80
100
TEMPERATURE (oC)
5.0
10
40
60
70
90
20.2
TEMPERATURE (oC)
020
30
50
80
100
10
40
60
70
90
20.0
19.0
19.2
19.4
19.6
19.8
20.5
20.32
20.0
19.66
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
19.5
20.16
19.82
CTIM - 0V
1.89
1.88
1.87
1.86
1.85
1.83
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
1.84
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
9.67
9.65
9.66
TEMPERATURE (oC)
0
20
30
50
80
100
10
40
60
70
90
9.6
9.7
9.8
9.9
10.0
10.1
10.2
ISL6160



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com