Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 7 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAT02_15 Datasheet HTML 3Page - Analog Devices MAT02_15 Datasheet HTML 4Page - Analog Devices MAT02_15 Datasheet HTML 5Page - Analog Devices MAT02_15 Datasheet HTML 6Page - Analog Devices MAT02_15 Datasheet HTML 7Page - Analog Devices MAT02_15 Datasheet HTML 8Page - Analog Devices MAT02_15 Datasheet HTML 9Page - Analog Devices MAT02_15 Datasheet HTML 10Page - Analog Devices MAT02_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MAT02
–7–
REV. E
Figure 3. One-Quadrant Multiplier/Divider
APPLICATIONS: NONLINEAR FUNCTIONS
MULTIPLIER/DIVIDER CIRCUIT
The excellent log conformity of the MAT02 over a very wide
range of collector current makes it ideal for use in log-antilog
circuits. Such nonlinear functions as multiplying, dividing,
squaring and square-rooting are accurately and easily imple-
mented with a log antilog circuit using two MAT02 pairs (see
Figure 3). The transistor circuit accepts three input currents (I1,
I2 and I3) and provides an output current IO according to
IO = I1I2/I3. All four currents must be positive in the log antilog
circuit, but negative input voltages can be easily accommodated
by various offsetting techniques. Protective diodes across each
base-to-emitter junction would normally be needed, but these
diodes are built into the MAT02. External protection diodes
are, therefore, not needed.
For the circuit shown in Figure 3, the operational amplifiers
make I1 = VX/R1, I2 = VY/R2, I3 = VZ/R3, and IO = VO/RO. The
output voltage for this one-quadrant, log-antilog multiplier/
divider is ideally:
VO =
R3RO
R1R2
V XVY
V Z
(VX, VY, VZ > 0)
(4)
If all the resistors (RO, R1, R2, R3) are made equal, then
VO = VXVY/VZ
Resistor values of 50 k
Ω to 100 kΩ are recommended assuming
an input range of 0.1 V to +10 V.
ERROR ANALYSIS
The base-to-emitter voltage of the MAT02 in its forward active
operation is:
VBE =
kT
q
In
IC
IS
+ rBEIC, VCB ~ 0
(5)
The first term comes from the idealized intrinsic transistor
equation previously discussed (see equation (1)).
Extrinsic resistive terms and the early effect cause departure
from the ideal logarithmic relationship. For small VCB, all of
these effects can be lumped together as a total effective bulk
resistance rBE. The rBEIC term causes departure from the desired
logarithmic relationship. The rBE term for the MAT02 is less
than 0.5
Ω and ∆rBE between the two sides is negligible.
Returning to the multiplier/divider circuit of Figure 1 and using
Equation (4):
VBE1A + VBE2A – VBE2B – VBE1B + (I1 + I2 – IO – I3) rBE = 0
If the transistor pairs are held to the same temperature, then:
kT
q
In
II
II
kT
q
In
II
II
O
S ASA
SB S B
12
3
12
12
=
+ (I1 + I2 – IO – I3) rBE (6)
If all the terms on the right-hand side were zero, then In
(I1 I2/I3 IO) would equal zero, which would lead directly to
the desired result:
IO =
I1I2
I3
, where I1, I2, I3, IO > 0
(7)
Note that this relationship is temperature independent. The
right-hand side of Equation (6) is near zero and the output
current IO will be approximately I1 I2/I3. To estimate error,
define ø as the right-hand side terms of Equation (6):
ø = In
II
II
q
kT
S ASA
SB S B
12
12
+
(I1 + I2 – IO – I3) rBE
(8)
For the MAT02, In (ISA/ISB) and ICrBE are very small. For small
ø,
εØ ~ 1 + ø and therefore:
I1I2
I3IO
= 1 + ø
(9)
IO ~
I1I2
I3
(1 – ø)
The In (ISA/ISB) terms in ø cause a fixed gain error of less than
±0.6% from each pair when using the MAT02, and this gain
error is easily trimmed out by varying RO. The IOUT terms are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com