Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 11 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAT02_15 Datasheet HTML 4Page - Analog Devices MAT02_15 Datasheet HTML 5Page - Analog Devices MAT02_15 Datasheet HTML 6Page - Analog Devices MAT02_15 Datasheet HTML 7Page - Analog Devices MAT02_15 Datasheet HTML 8Page - Analog Devices MAT02_15 Datasheet HTML 9Page - Analog Devices MAT02_15 Datasheet HTML 10Page - Analog Devices MAT02_15 Datasheet HTML 11Page - Analog Devices MAT02_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MAT02
–11–
REV. E
Transistors Q2 and Q3 form a 2 mA current source (0.65 V/
330
Ω ~ 2 mA). Each collector of Q1 operates at 1 mA. The
OP184 inputs are 3 V below the positive supply voltage (RLIC
~ 3 V). Input stage gain is gmRL, which is approximately 100
when operating at IC of 1 mA with RL of 3 k
Ω. Since the
OP184 has a minimum open-loop gain of 500,000, total
open-loop gain for the composite amplifier is over 50 million.
Even at closed-loop gain of 1000, the gain error due to finite
open-loop gain will be negligible. The OP184 features excellent
symmetry of slew-rate and very linear gain. Signal distortion is
minimal.
Dynamic range of this amplifier is excellent; the OP184 has an
output voltage swing of
±14.8 V with a ±15 V supply.
Input characteristics are outstanding. The MAT02F has offset
voltage of less than 150
µV at 25°C and a maximum offset drift
of 1
µV/°C. Nulling the offset will further reduce offset drift.
This can be accomplished by slightly unbalancing the collector
load resistors. This adjustment will reduce the drift to less than
0.1
µV/°C.
Input bias current is relatively low due to the high current gain
of the MAT02. The minimum
β of 400 at 1 mA for the
MAT02F implies an input bias current of approximately 2.5
µA.
This circuit should be used with signals having relatively low
source impedance. A high source impedance will degrade offset
and noise performance.
This circuit configuration provides exceptionally low input noise
voltage and low drift. Noise can be reduced even further by
raising the collector currents from 1 mA to 3 mA, but power
consumption is then increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com