Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 2 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 2 Page - Analog Devices

  MAT02_15 Datasheet HTML 1Page - Analog Devices MAT02_15 Datasheet HTML 2Page - Analog Devices MAT02_15 Datasheet HTML 3Page - Analog Devices MAT02_15 Datasheet HTML 4Page - Analog Devices MAT02_15 Datasheet HTML 5Page - Analog Devices MAT02_15 Datasheet HTML 6Page - Analog Devices MAT02_15 Datasheet HTML 7Page - Analog Devices MAT02_15 Datasheet HTML 8Page - Analog Devices MAT02_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. E
–2–
ELECTRICAL CHARACTERISTICS
MAT02E
MAT02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Current Gain
hFE
IC = 1 mA
1
500
605
400
605
IC = 100
µA
500
590
400
590
IC = 10
µA
400
550
300
550
IC = 1
µA
300
485
200
485
Current Gain Match
∆h
FE
10
µA ≤ I
C
≤ 1 mA2
0.5
2
0.5
4
%
Offset Voltage
VOS
VCB = 0, 1
µA ≤ IC ≤ 1 mA3
10
50
80
150
µV
Offset Voltage
∆VOS/∆VCB 0 ≤ VCB ≤ VMAX4
10
25
10
50
µV
Change vs. VCB
1
µA ≤ I
C
≤ 1 mA3
10
25
10
50
µV
Offset Voltage Change
∆VOS/∆IC
VCB = 0 V
5
25
5
50
µV
vs. Collector Current
1
µA ≤ IC ≤ 1 mA3
525
5
50
µV
Offset Current
Change vs. VCB
∆IOS/∆VCB
0
≤ VCB ≤ VMAX
30
70
30
70
pA/V
Bulk Resistance
rBE
10
µA ≤ IC ≤ 10 mA5
0.3
0.5
0.3
0.5
Collector-Base
Leakage Current
ICBO
VCB = VMAX
25
200
25
400
pA
Collector-Collector
Leakage Current
ICC
VCC = VMAX
5, 6
35
200
35
400
pA
Collector-Emitter
VCE = VMAX
5, 6
Leakage Current
ICES
VBE = 0
35
200
35
400
pA
Noise Voltage Density
en
IC = 1 mA, VCB = 0
7
fO = 10 Hz
1.6
2
1.6
3
nV/
√Hz
fO = 100 Hz
0.9
1
0.9
2
nV/
√Hz
fO = 1 kHz
0.85
1
0.85
2
nV/
√Hz
fO = 10 kHz
0.85
1
0.85
2
nV/
√Hz
Collector Saturation
Voltage
VCE(SAT)
IC = 1 mA, IB = 100
µA0.05
0.1
0.05
0.2
V
Input Bias Current
IB
IC = 10
µA25
34
nA
Input Offset Current
IOS
IC = 10
µA
0.6
1.3
nA
Breakdown Voltage
BVCEO
40
40
V
Gain-Bandwidth Product
fT
IC = 10 mA, VCE = 10 V
200
200
MHz
Output Capacitance
COB
VCB = 15 V, IE = 0
23
23
pF
Collector-Collector
Capacitance
CCC
VCC = 0
35
35
pF
NOTES
1Current gain is guaranteed with Collector-Base Voltage (V
CB) swept from 0 to VMAX at the indicated collector currents.
2Current gain match (
∆h
FE) is defined as:
∆h
FE =
3Measured at I
C = 10
µA and guaranteed by design over the specified range of I
C.
4This is the maximum change in V
OS as VCB is swept from 0 V to 40 V.
5Guaranteed by design.
6I
CC and ICES are verified by measurement of ICBO.
7Sample tested.
Specifications subject to change without notice.
100 (
∆I
B) (hFE min)
IC
MAT02–SPECIFICATIONS
(@ VCB = 15 V, IC = 10 A, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com