Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 3 Page - Analog Devices

  MAT02_15 Datasheet HTML 1Page - Analog Devices MAT02_15 Datasheet HTML 2Page - Analog Devices MAT02_15 Datasheet HTML 3Page - Analog Devices MAT02_15 Datasheet HTML 4Page - Analog Devices MAT02_15 Datasheet HTML 5Page - Analog Devices MAT02_15 Datasheet HTML 6Page - Analog Devices MAT02_15 Datasheet HTML 7Page - Analog Devices MAT02_15 Datasheet HTML 8Page - Analog Devices MAT02_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
MAT02E
MAT02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Offset Voltage
VOS
VCB = 0
70
220
µV
1
µA ≤ I
C
≤ 1 mA1
Average Offset
Voltage Drift
TCVOS
10
µA ≤ IC ≤ 1 mA, 0 ≤ VCB ≤ VMAX2
0.08 0.3
0.08 1
µV/°C
VOS Trimmed to Zero
3
0.03 0.1
0.03 0.3
Input Offset Current
IOS
IC = 10
µA8
13
nA
Input Offset
Current Drift
TCIOS
IC = 10
µA4
40
90
40
150
pA/
°C
Input Bias Current
IB
IC = 10
µA45
50
nA
Current Gain
hFE
IC = 1 mA
5
325
300
IC = 100
µA
275
250
IC = 10
µA
225
200
IC = 1
µA
200
150
Collector-Base
ICBO
VCB = VMAX
23
nA
Leakage Current
Collector-Emitter
ICES
VCE = VMAX, VBE = 0
3
4
nA
Leakage Current
Collector-Collector
ICC
VCC = VMAX
34
nA
Leakage Current
NOTES
1Measured at I
C = 10
µA and guaranteed by design over the specified range of IC.
2Guaranteed by V
OS test (TCVOS
V
T
OS
for VOS
VBE) T = 298K for TA = 25
°C.
3The initial zero offset voltage is established by adjusting the ratio of I
C1 to IC2 at TA = 25
°C. This ratio must be held to 0.003% over the entire temperature range.
Measurements are taken at the temperature extremes and 25
°C.
4Guaranteed by design.
5Current gain is guaranteed with Collector-Base Voltage (V
CB) swept from 0 V to VMAX at the indicated collector current.
Specifications subject to change without notice.
(VCB = 15 V, –25 C
≤ TA ≤ +85 C, unless otherwise noted.)
MAT02
–3–
REV. E
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT02 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO) . . . . . . . . . . . . . . . . . . . . 40 V
Collector-Emitter Voltage (BVCEO) . . . . . . . . . . . . . . . . . . 40 V
Collector-Collector Voltage (BVCC) . . . . . . . . . . . . . . . . . . 40 V
Emitter-Emitter Voltage (BVEE) . . . . . . . . . . . . . . . . . . . . 40 V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Emitter Current (IE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Total Power Dissipation
Case Temperature
≤ 40°C2 . . . . . . . . . . . . . . . . . . . . . 1.8 W
Ambient Temperature
≤ 70°C3 . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range
MAT02E, F . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
ORDERING GUIDE
VOS max
Temperature
Package
Model
(TA = 25 C)
Range
Option
MAT02EH
50
µV
–25
°C to +85°C
TO-78
MAT02FH
150
µV
–25
°C to +85°C
TO-78
Operating Junction Temperature . . . . . . . . . . –55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings apply to both DICE and packaged devices.
2Rating applies to applications using heat sinking to control case temperature.
Derate linearly at 16.4 mW/
°C for case temperature above 40°C.
3Rating applies to applications not using a heat sinking; devices in free air only.
Derate linearly at 6.3 mW/
°C for ambient temperature above 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com