Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 1 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 1 Page - Analog Devices

  MAT02_15 Datasheet HTML 1Page - Analog Devices MAT02_15 Datasheet HTML 2Page - Analog Devices MAT02_15 Datasheet HTML 3Page - Analog Devices MAT02_15 Datasheet HTML 4Page - Analog Devices MAT02_15 Datasheet HTML 5Page - Analog Devices MAT02_15 Datasheet HTML 6Page - Analog Devices MAT02_15 Datasheet HTML 7Page - Analog Devices MAT02_15 Datasheet HTML 8Page - Analog Devices MAT02_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
Low Noise, Matched
Dual Monolithic Transistor
MAT02
FEATURES
Low Offset Voltage: 50
V max
Low Noise Voltage at 100 Hz, 1 mA: 1.0 nV/
√Hz max
High Gain (hFE):
500 min at IC = 1 mA
300 min at IC = 1
A
Excellent Log Conformance: rBE
0.3
Low Offset Voltage Drift: 0.1
V/ C max
Improved Direct Replacement for LM194/394
NOTE
Substrate is connected to case on TO-78 package.
Substrate is normally connected to the most negative
circuit potential, but can be floated.
PIN CONNECTION
TO-78
(H Suffix)
PRODUCT DESCRIPTION
The design of the MAT02 series of NPN dual monolithic tran-
sistors is optimized for very low noise, low drift and low rBE.
Precision Monolithics’ exclusive Silicon Nitride “Triple-
Passivation” process stabilizes the critical device parameters
over wide ranges of temperature and elapsed time. Also, the high
current gain (hFE) of the MAT02 is maintained over a wide
range of collector current. Exceptional characteristics of the
MAT02 include offset voltage of 50
µV max (A/E grades) and
150
µV max F grade. Device performance is specified over the
full military temperature range as well as at 25
°C.
Input protection diodes are provided across the emitter-base
junctions to prevent degradation of the device characteristics
due to reverse-biased emitter current. The substrate is clamped
to the most negative emitter by the parasitic isolation junction
created by the protection diodes. This results in complete isola-
tion between the transistors.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
REV. E
The MAT02 should be used in any application where low
noise is a priority. The MAT02 can be used as an input
stage to make an amplifier with noise voltage of less than
1.0 nV/
√Hz at 100 Hz. Other applications, such as log/antilog
circuits, may use the excellent logging conformity of the
MAT02. Typical bulk resistance is only 0.3
Ω to 0.4 Ω. The
MAT02 electrical characteristics approach those of an ideal
transistor when operated over a collector current range of 1
µA to 10 mA. For applications requiring multiple devices
see MAT04 Quad Matched Transistor data sheet.


Similar Part No. - MAT02_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
More results

Similar Description - MAT02_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com