Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC4536 Datasheet HTML 1Page - California Eastern Labs 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
30
VCEO
Collector to Emitter Voltage
V
15
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
250
PT
Total Power Dissipation
NE461002
W
3.75
NE461343
W
2.0
TJ
Junction Temperature
NE46100
°C
200
NE46134
°C
150
TSTG
Storage Temperature
NE46100
°C
-65 to +200
NE46134
°C
-65 to +150
NE46100, NE46134
COLLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Chip mounted on an infinite heat sink (see AN-1001 for handling
instructions).
3. Packaged device mounted on 0.7 mm x 2.5 cm2 double sided
ceramic substrate (copper plating).
NE46100, NE46134
NE46100, NE46134
NOISE FIGURE vs. COLLECTOR CURRENT
VCE = 10 V, f = 1 GHz
NE46100, NE46134
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector Current, Ic (mA)
Ambient Temperature, TA (°C)
NE46134
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
RN/50
VCC = 10 V, IC = 50 mA
0.5
1.5
13.5
0.34
-176
0.09
TYPICAL PERFORMANCE CURVES (TA=25°C)
NE46134
INSERTION POWER GAIN AND MAXIMUM
AVAILABLE GAIN vs. COLLECTOR CURRENT
VCE = 10 V, f = 1 GHz
Collector Current, IC (mA)
RS = RL = 50 Ω Untuned
MAG
|S21E| 2
0
50
100
300
10
8
6
4
2
0
0
10
20
100
80
60
40
20
0
IB = 0.6 mA
0.5 mA
0.4 mA
0.3 mA
0.2 mA
0.1 mA
0
50
100
150
200
85
87.5
4.0
3.75
3.0
2.0
1.0
0.4
NE46100
RTH (J-C)
30˚C/W
WITH INFINITE
HEAT SINK
NE46134
RTH (J-C)
32.5˚C/W
WITH INFINITE
HEAT SINK
NE46134
RTH (J-A)
312.5˚C/W
WITH INFINITE
HEAT SINK
0
5
10
100
200
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com