Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC4536 Datasheet HTML 1Page - California Eastern Labs 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE46100, NE46134
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Collector Current, IC (mA)
Total PIN = 6.0 dBm
F1 = 1.0 GHz, F2 = 0.99 GHz
Note: IM5 > than 58 dB down from carrier for
measured currents greater than 40 mA.
Collector Current, IC (mA)
2 Tone Test
Total PIN = 12.1 dBm
F1 = 1.0 GHz, F2 = 0.99 GHz
-5
0
5
10
15
20
25
30
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
-50.0
1 Tone
2 Tone
IM3
IM5
POUT
(Total)
IP3 32.6 dBm
Input Power, PIN Total (dBm)
Input Power, PIN Total (dBm)
Collector Current, IC (mA)
Collector Current, IC (mA)
NE46134
3RD ORDER INTERMODULATION DISTORTION,
2ND ORDER INTERMODULATION DISTORTION
(+ AND -) vs. COLLECTOR CURRENT
NE46100, NE46134
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT
VCE = 10 V
NE46134
TYPICAL OUTPUT
POWER/INTERMODULATION
DISTORTION vs. INPUT POWER
f = 1.0 GHz, VCE = 10 V, IC = 100 mA
2 Tone Test F1 = 1.0 GHz, F2 = 0.99 GHz
NE46134
TYPICAL OUTPUT
POWER/INTERMODULATION
DISTORTION vs. INPUT POWER
f = 1.0 GHz, VCE = 5 V, IC = 100 mA
2 Tone Test F1= 1.0 GHz, F2 = 0.99 GHz
NE46100, NE46134
INTERMODULATION DISTORTION
vs. COLLECTOR CURRENT
f = 1.0 GHz, VCE = 10 V
NE46100, NE46134
INTERMODULATION DISTORTION vs.
COLLECTOR CURRENT
f = 1.0 GHz, VCE = 5 V
5
10
50
100
300
10
5
1
0.2
0.5
0
40
80
120
160
0
-10
-20
-30
-40
-50
-60
IM3
IM5
-5
0
5
10
15
20
25
30
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
-50.0
1 Tone
2 Tone
IM3
IM5
POUT
(Total)
IP3 32.6 dBm
0
40
80
120
160
0
-10
-20
-30
-40
-50
IM3
IM2+
IM2-
IM3: VO = 110 dB
µV/75 Ω 2 tone each
f = 2 x 190 MHz - 200 MHz
IM2 +: VO = 105 dB
µV/75 Ω 2 tone each
f = 90 MHz + 100 MHz
IM2-: VO = 105 dB
µV/75 Ω 2 tone each
f = 190 MHz - 90 MHz
10
50
100
300
80
70
60
50
40
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com