Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 5 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 5 Page - California Eastern Labs

  2SC4536 Datasheet HTML 1Page - California Eastern Labs 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS1 (TA = 25°C)
NE46100, NE46134
Coordinates in Ohms
Frequency in GHz
VCE = 8 V, IC = 50 mA
NE46100
VCE = 8 V, lC = 50 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.773
-133
27.779
115
0.031
30
0.538
-99
0.20
29.5
200
0.808
-157
15.007
100
0.033
30
0.428
-132
0.36
26.6
500
0.824
-176
6.118
85
0.041
35
0.388
-160
0.70
21.8
800
0.823
177
3.841
76
0.050
42
0.388
-168
0.91
18.8
1000
0.822
173
3.095
71
0.060
50
0.388
-171
0.99
17.2
1200
0.824
170
2.570
67
0.065
48
0.389
-173
1.05
14.6
1400
0.820
167
2.201
61
0.075
46
0.395
-175
1.06
13.2
1600
0.825
165
1.937
57
0.080
49
0.410
-176
1.09
12.0
1800
0.822
162
1.747
53
0.084
48
0.416
-177
1.15
10.9
2000
0.821
160
1.551
49
0.095
50
0.421
-179
1.15
9.8
2500
0.816
154
1.267
39
0.116
50
0.449
177
1.16
8.0
3000
0.817
148
1.051
30
0.128
45
0.474
175
1.17
6.7
3500
0.817
143
0.910
22
0.154
45
0.496
171
1.12
5.6
4000
0.807
137
0.800
13
0.169
40
0.527
168
1.13
4.6
VCE = 8 V, lC = 100 mA
100
0.771
-141
28.901
111
0.025
27
0.507
-109
0.23
30.6
200
0.816
-162
15.323
98
0.028
23
0.434
-142
0.38
27.4
500
0.823
-177
6.183
84
0.038
36
0.417
-165
0.76
22.1
800
0.822
176
3.889
76
0.047
48
0.419
-172
1.01
18.7
1000
0.824
172
3.124
71
0.057
49
0.418
-175
1.02
16.5
1200
0.822
169
2.605
67
0.064
54
0.422
-177
1.09
14.2
1400
0.816
166
2.223
62
0.073
56
0.426
-178
1.15
12.5
1600
0.821
164
1.962
58
0.079
54
0.435
180
1.15
11.6
1800
0.823
161
1.751
54
0.088
54
0.443
179
1.14
10.7
2000
0.823
159
1.563
50
0.097
55
0.438
177
1.17
9.6
2500
0.816
153
1.292
40
0.117
51
0.462
174
1.16
8.0
3000
0.814
148
1.061
31
0.134
48
0.491
171
1.18
6.5
3500
0.820
142
0.927
23
0.154
45
0.501
168
1.12
5.7
4000
0.807
137
0.814
15
0.170
41
0.529
165
1.15
4.4
VCE = 10 V, lC = 50 mA
100
0.780
-132
28.079
115
0.029
46
0.548
-99
0.21
29.8
200
0.809
-156
15.218
100
0.033
29
0.425
-131
0.34
26.7
500
0.819
-175
6.206
85
0.041
34
0.387
-159
0.70
21.8
800
0.817
177
3.888
76
0.048
42
0.386
-168
0.96
19.4
1000
0.821
174
3.136
71
0.060
48
0.385
-170
0.97
17.2
1200
0.821
171
2.596
67
0.063
47
0.388
-173
1.07
14.5
1400
0.814
168
2.236
62
0.068
53
0.394
-174
1.19
12.6
1600
0.819
165
1.976
58
0.075
50
0.401
-176
1.17
11.7
1800
0.816
162
1.769
53
0.084
51
0.413
-178
1.17
10.7
2000
0.819
160
1.565
49
0.094
49
0.416
-179
1.15
9.8
2500
0.815
154
1.290
39
0.116
51
0.439
178
1.14
8.2
3000
0.814
148
1.072
30
0.128
46
0.468
175
1.18
6.7
3500
0.819
143
0.920
22
0.150
44
0.488
173
1.12
5.8
4000
0.806
137
0.803
13
0.168
40
0.519
168
1.14
4.5
See notes on previous page.
.1 GHz
.1 GHz
S22
4 GHz
S11
4 GHz
j100
j50
j25
j10
0
-j10
-j25
-j50
-j100
100
50
10
0
˚
+30
˚
+60
˚
+90
˚
+120
˚
+150˚
≠±180˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
S21
4 GHz
S12
4 GHz
S21
0.1 GHz
S21
0.1 GHz
10
15
20
25
.1
.15
.2
.25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com