Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 9 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs 2SC4536 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE46100, NE46134
Coordinates in Ohms
Frequency in GHz
VCE = 12.5 V, IC = 50 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE46134
0.05
0.432
-91.9
34.139
125.6
0.024
63.0
0.586
-56.7
0.50
31.5
0.10
0.372
-129.4
19.834
106.3
0.036
63.5
0.362
-78.4
0.75
27.4
0.20
0.348
-161.2
10.443
92.4
0.058
65.4
0.223
-97.1
0.95
22.6
0.40
0.343
173.5
5.332
79.3
0.104
68.1
0.170
-112.8
1.05
15.8
0.60
0.343
157.1
3.610
70.1
0.150
66.3
0.172
-119.3
1.07
12.2
0.80
0.349
143.8
2.755
61.8
0.196
63.1
0.188
-122.4
1.07
9.9
1.00
0.352
132.4
2.254
54.4
0.239
59.2
0.210
-124.2
1.07
8.2
1.20
0.353
121.2
1.927
47.1
0.280
55.0
0.236
-125.8
1.06
6.9
1.40
0.350
111.6
1.710
40.4
0.320
50.7
0.267
-127.4
1.05
6.0
1.60
0.343
101.9
1.523
34.0
0.354
46.2
0.300
-128.9
1.04
5.0
1.80
0.339
93.1
1.388
29.0
0.385
42.4
0.330
-131.5
1.04
4.3
2.00
0.336
83.3
1.295
23.5
0.418
38.2
0.357
-132.7
1.03
3.9
2.20
0.325
73.3
1.206
18.1
0.445
34.0
0.386
-134.0
1.03
3.3
2.40
0.318
63.0
1.140
13.6
0.471
29.9
0.411
-135.3
1.02
3.0
2.50
0.314
57.3
1.109
11.7
0.482
28.0
0.423
-135.9
1.02
2.7
0.05
0.380
-100.0
36.475
122.4
0.021
64.3
0.530
-62.6
0.59
32.4
0.10
0.355
-137.9
20.531
104.1
0.033
65.0
0.324
-86.1
0.82
27.9
0.20
0.341
-167.1
10.702
91.3
0.058
68.3
0.208
-106.6
0.97
22.7
0.40
0.338
170.0
5.446
79.0
0.106
69.6
0.167
-123.6
1.05
15.8
0.60
0.339
154.4
3.684
70.2
0.154
67.2
0.170
-129.1
1.06
12.3
0.80
0.344
141.3
2.812
62.1
0.201
63.5
0.185
-131.1
1.06
9.9
1.00
0.346
130.1
2.302
54.9
0.246
59.3
0.204
-131.7
1.06
8.2
1.20
0.349
119.2
1.971
47.8
0.288
54.9
0.229
-132.1
1.05
7.0
1.40
0.345
109.4
1.748
41.2
0.327
50.3
0.257
-132.7
1.04
6.0
1.60
0.336
99.7
1.557
34.9
0.362
45.7
0.288
-133.1
1.04
5.1
1.80
0.330
91.1
1.420
29.7
0.393
41.7
0.317
-135.0
1.04
4.3
2.00
0.328
80.3
1.324
24.6
0.426
37.4
0.343
-135.8
1.03
3.8
2.20
0.320
70.4
1.240
19.0
0.453
33.1
0.370
-136.5
1.03
3.4
2.40
0.309
60.2
1.170
14.4
0.478
29.0
0.395
-137.3
1.02
2.9
2.50
0.305
54.5
1.140
12.2
0.489
27.0
0.406
-137.8
1.02
2.7
VCE = 12.5 V, lC = 50 mA
VCE = 12.5 V, lC = 100 mA
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
0˚
S21
.05 GHz
S21
2.5 GHz
S12
.05 GHz
S12
2.5 GHz
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
S11
.05 GHz
S22
.05 GHz
S11
2.5 GHz
S22
2.5 GHz
See notes on previous page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com