Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC4536 Datasheet HTML 1Page - California Eastern Labs 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VCE = 5 V, lC = 50 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.778
-137
26.776
114
0.028
30
0.555
-102
0.16
29.8
200
0.815
-159
14.407
100
0.035
29
0.434
-135
0.36
26.2
500
0.826
-177
5.855
84
0.040
38
0.400
-162
0.75
21.7
800
0.827
176
3.682
76
0.052
43
0.402
-169
0.91
18.5
1000
0.826
173
2.963
71
0.058
47
0.405
-172
1.02
16.3
1200
0.825
170
2.441
66
0.064
47
0.412
-174
1.08
14.0
1400
0.820
167
2.111
61
0.069
47
0.413
-176
1.17
12.4
1600
0.828
165
1.863
57
0.078
54
0.426
-177
1.15
11.4
1800
0.827
162
1.671
53
0.087
50
0.432
-178
1.14
10.6
2000
0.828
159
1.484
49
0.093
50
0.431
-180
1.17
9.5
2500
0.822
153
1.218
39
0.11
48
0.462
177
1.18
7.8
3000
0.818
148
1.010
30
0.135
46
0.490
174
1.16
6.3
3500
0.824
142
0.876
21
0.147
44
0.507
170
1.16
5.3
4000
0.812
137
0.762
13
0.168
38
0.535
167
1.14
4.3
VCE = 5 V, lC = 100 mA
100
0.778
-144
27.669
111
0.027
35
0.523
-114
0.27
30.2
200
0.820
-164
14.559
97
0.029
29
0.445
-144
0.42
27.0
500
0.832
-179
5.885
84
0.035
38
0.435
-166
0.81
22.2
800
0.833
175
3.691
76
0.048
45
0.435
-173
0.95
18.8
1000
0.831
172
2.980
71
0.056
51
0.437
-176
1.05
16.0
1200
0.836
169
2.464
67
0.061
52
0.432
-178
1.11
14.0
1400
0.829
166
2.121
61
0.072
53
0.447
-180
1.12
12.6
1600
0.831
164
1.867
58
0.080
54
0.445
179
1.14
11.4
1800
0.827
161
1.671
54
0.090
53
0.460
178
1.14
10.4
2000
0.830
159
1.499
49
0.096
52
0.456
176
1.15
9.6
2500
0.831
153
1.228
40
0.115
51
0.479
173
1.15
8.0
3000
0.821
147
1.018
31
0.134
48
0.504
170
1.18
6.3
3500
0.820
142
0.881
23
0.155
42
0.516
167
1.14
5.3
4000
0.812
136
0.779
14
0.170
41
0.543
164
1.16
4.2
Notes:
1. S-Parameters include Bond wires.
Base:
Total 1 wire, 1 per Bond Pad, 0.0259" (658 µm) long each wire.
Collector: Total 1 wire, 1 per Bond Pad, 0.0182" (463 µm) long each wire.
Emitter:
Total 2 wires, 1 per side, 0.0224" (569 µm) long each wire.
Wire:
0.0007" (17.8 µm) dia., gold.
2. Gain Calculations:
NE46100, NE46134
TYPICAL COMMON EMITTER SCATTERING PARAMETERS1 (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
VCE = 5 V, IC = 50 mA
NE46100
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0
˚
+30
˚
+60
˚
+90
˚
+120
˚
+150˚
≠±180˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
S21
4 GHz
S12
4 GHz
S21
0.1 GHz
S21
0.1 GHz
10
15
20
25
.1
.15
.2
.25
.1 GHz
S22
.1 GHz
S22
4 GHz
S11
4 GHz
j100
j50
j25
j10
0
-j10
-j25
-j50
-j100
100
50
10
S11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com