Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 4 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 4 Page - Analog Devices

  SMP04_15 Datasheet HTML 1Page - Analog Devices SMP04_15 Datasheet HTML 2Page - Analog Devices SMP04_15 Datasheet HTML 3Page - Analog Devices SMP04_15 Datasheet HTML 4Page - Analog Devices SMP04_15 Datasheet HTML 5Page - Analog Devices SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
–4–
SMP04
REV. D
WAFER TEST LIMITS
SMP04G
Parameter
Symbol
Conditions
Limits
Units
Buffer Offset Voltage
VOS
VIN = +6 V
±10
mV max
Hold Step
VHS
VIN = +6 V
±4
mV max
Droop Rate
∆V/∆tV
IN = +6 V
25
mV/s max
Output Source Current
ISOURCE
VIN = +6 V
1.2
mA min
Output Sink Current
ISINK
VIN = +6 V
0.5
mA min
Output Voltage Range
OVR
RL = 20 kΩ
0.06/10.0
V min/max
RL = 10 k
Ω
0.06/9.5
V min/max
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V min
Logic Input Low Voltage
VINL
0.8
V max
Logic Input Current
IIN
1
µA max
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
10.8 V
≤ V
DD
≤ 13.2 V
60
dB min
Supply Current
IDD
7
mA max
Power Dissipation
PDIS
84
mW max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
(@ VDD = +12 V, VSS = DGND = 0 V, RL = No Load, TA = +25 C, unless otherwise noted.)
VOUT3
VOUT1
VOUT2
VOUT4
VIN1
VIN2
VIN3
VIN4
S/H1
S/H3
S/H4
DGND
VSS
VDD
S/H2
Dice Characteristics
Die Size: 0.80 x 0.120 mil = 9,600 sq. mil
(2.032 x 3.048mm = 6.193 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com