Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 2 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 2 Page - Analog Devices

  SMP04_15 Datasheet HTML 1Page - Analog Devices SMP04_15 Datasheet HTML 2Page - Analog Devices SMP04_15 Datasheet HTML 3Page - Analog Devices SMP04_15 Datasheet HTML 4Page - Analog Devices SMP04_15 Datasheet HTML 5Page - Analog Devices SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SMP04–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Linearity Error
0.01
%
Buffer Offset Voltage
VOS
VIN = 6 V
–10
±2.5
+10
mV
Hold Step
VHS
VIN = 6 V, TA = +25°C to +85°C2.5
4
mV
VIN = 6 V, TA = –40°C5
mV
Droop Rate
∆V/∆tV
IN = 6 V, TA = +25°C
2
25
mV/s
Output Source Current
1
ISOURCE
VIN = 6 V
1.2
mA
Output Sink Current
1
ISINK
VIN = 6 V
0.5
mA
Output Voltage Range
OVR
RL = 20 kΩ
0.06
10.0
V
RL = 10 kΩ
0.06
9.5
V
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
0.5
1
µA
DYNAMIC PERFORMANCE
2
Acquisition Time
3
tAQ
TA = +25°C, 0 V to 10 V Step to 0.1%
3.5
4.25
µs
–40
°C ≤ T
A ≤ +85°C
3.75
5.25
µs
Acquisition Time
3
tAQ
TA = +25°C, 0 V to 10 V Step to 0.01%
9
µs
Hold Mode Settling Time
tH
To 1 mV
1
µs
Slew Rate
4
SR
RL = 20 kΩ
34
V/
µs
Capacitive Load Stability
CL
<30% Overshoot
500
pF
Analog Crosstalk
0 V to 10 V Step
–80
dB
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
10.8 V
≤ V
DD ≤ 13.2 V
60
75
dB
Supply Current
IDD
47
mA
Power Dissipation
PDIS
84
mW
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Linearity Error
0.01
%
Buffer Offset Voltage
VOS
VIN = 0 V
–10
±2.5
+10
mV
Hold Step
VHS
VIN = 0 V, TA = +25°C to +85°C2.5
4
mV
VIN = 0 V, TA = –40°C5
mV
Droop Rate
∆V/∆tV
IN = 0 V, TA = +25
°C
2
25
mV/s
Output Resistance
ROUT
1
Ω
Output Source Current
1
ISOURCE
VIN = 0 V
1.2
mA
Output Sink Current
1
ISINK
VIN = 0 V
0.5
mA
Output Voltage Range
OVR
RL = 20 kΩ
–3.0
+3.0
V
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
0.5
1
µA
DYNAMIC PERFORMANCE
2
Acquisition Time
3
tAQ
–3 V to +3 V Step to 0.1%
3.6
11
µs
Acquisition Time
3
tAQ
–3 V to +3 V Step to 0.01%
9
µs
Hold Mode Settling Time
tH
To 1 mV
1
µs
Slew Rate
5
SR
RL = 20 kΩ
3V/
µs
Capacitive Load Stability
CL
<30% Overshoot
500
pF
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
±5 V ≤ V
DD ≤ ± 6 V
60
75
dB
Supply Current
IDD
3.5
5.5
mA
Power Dissipation
PDIS
55
mW
NOTES
1Outputs are capable of sinking and sourcing over 20 mA, but linearity and offset are guaranteed at specified load levels.
2All input control signals are specified with t
R = tF = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
3This parameter is guaranteed without test.
4Slew rate is measured in the sample mode with a 0 V to 10 V step from 20% to 80%.
5Slew rate is measured in the sample mode with a –3 V to +3 V step from 20% to 80%.
Specifications are subject to change without notice.
REV. D
–2–
(@ VDD = +12.0 V, VSS = DGND = 0 V, RL = No Load, TA = Operating Temperature Range
specified in Absolute Maximum Ratings, unless otherwise noted.)
(@ VDD = +5.0 V, VSS = –5.0 V, DGND = 0.0 V, RL = No Load, TA = Operating Temperature
Range specified in Absolute Maximum Ratings, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com