Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 7 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 7 Page - Analog Devices

Back Button SMP04_15 Datasheet HTML 3Page - Analog Devices SMP04_15 Datasheet HTML 4Page - Analog Devices SMP04_15 Datasheet HTML 5Page - Analog Devices SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices SMP04_15 Datasheet HTML 10Page - Analog Devices SMP04_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SMP04
–7–
REV. D
GENERAL INFORMATION
The SMP04 is a quad sample-and-hold with each track-and-
hold having its own input, output, control, and on-chip hold
capacitor. The combination of four high performance track-and-
hold capacitors on a single chip greatly reduces board space and
design time while increasing reliability.
After the device selection, the primary considerations in using
track-and-holds are the hold capacitor and layout. The SMP04
eliminates most of these problems by having the hold capacitors
internal, eliminating the problems of leakage, feedthrough,
guard ring layout and dielectric absorption.
POWER SUPPLIES
The SMP04 is capable of operating with either single or dual
supplies over a voltage range of 7 to 15 volts. Based on the
supply voltages chosen, VDD and VSS establish the output volt-
age range, which is:
VSS + 0.05 V ≤ VOUT ≤ VDD –2 V
Note that several specifications, including acquisition time,
offset and output voltage compliance will degrade for a total
supply voltage of less than 7 V. Positive supply current is typi-
cally 4 mA with the outputs unloaded. The SMP04 has an inter-
nally regulated TTL supply so that TTL/CMOS compatibility
will be maintained over the full supply range.
Single Supply Operation Grounding Considerations
In single supply applications, it is extremely important that the
VSS (negative supply) pin be connected to a clean ground. This
is because the hold capacitor is internally tied to VSS. Any noise
or disturbance in the ground will directly couple to the output of
the sample-and-hold, degrading the signal-to-noise performance.
It is advisable that the analog and digital ground traces on the
circuit board be physically separated to reduce digital switching
noise from entering the analog circuitry.
Power Supply Bypassing
For optimum performance, the VDD supply pin must also be
bypassed with a good quality, high frequency ceramic capacitor.
The recommended value is 0.1
µF. In the case where dual sup-
plies are used, VSS (negative supply) bypassing is particularly
important. Again this is because the internal hold capacitor is
tied to VSS. Good bypassing prevents high frequency noise from
entering the sample-and-hold amplifier. A 0.1
µF ceramic bypass
capacitor is generally sufficient. For high noise environments,
adding a 10
µF tantalum capacitor in parallel with the 0.1 µF
provides additional protection.
Power Supply Sequencing
It may be advisable to have the VDD turn on prior to having logic
levels on the inputs. The SMP04 has been designed to be resis-
tant to latch-up, but standard precautions should still be taken.
OUTPUT BUFFERS (Pins 1, 2, 14 and 15)
The buffer offset specification is
±10 mV; this is less than 1/2 LSB
of an 8-bit DAC with 10 V full scale. Change in offset over the
output range is typically 3 mV. The hold step is the magnitude
of the voltage step caused when switching from sample-to-hold
mode. This error is sometimes referred to as the pedestal
error or sample-to-hold offset, and is about 2 mV with little
variation. The droop rate of a held channel is 2
µV/ms typical
and
±25 µV/ ms maximum.
The buffers are designed primarily to drive loads connected to
ground. The outputs can source more than 1.2 mA each, over
the full voltage range and maintain specified accuracy. In split
supply operation, symmetrical output swings can be obtained by
restricting the output range to 2 V from either supply.
On-chip SMP04 buffers eliminate potential stability problems
associated with external buffers; outputs are stable with capaci-
tive loads up to 500 pF. However, since the SMP04’s buffer
outputs are not short-circuit protected, care should be taken to
avoid shorting any output to the supplies or ground.
SIGNAL INPUT (Pins 3, 5, 11 and 12)
The signal inputs should be driven from a low impedance
voltage source such as the output of an op amp. The op amp
should have a high slew rate and fast settling time if the SMP04’s
fast acquisition time characteristics are to be maintained. As
with all CMOS devices, all input voltages should be kept within
range of the supply rails (VSS ≤ VIN ≤ VDD) to avoid the possibil-
ity of setting up a latch-up condition.
The internal hold capacitance is typically 60 pF and the internal
switch ON resistance is 2 k
Ω.
If single supply operation is desired, op amps such as the OP183
or AD820, that have input and output voltage compliances
including ground, can be used to drive the inputs. Split sup-
plies, such as
±7.5 V, can be used with the SMP04 and the
above mentioned op amps.
APPLICATION TIPS
All unused digital inputs should be connected to logic LOW
and the analog inputs connected to analog ground. For connec-
tors or driven analog inputs that may become temporarily dis-
connected, a resistor to VSS or analog ground should be used
with a value ranging from 0.2 M
Ω to 1 MΩ.
Do not apply signals to the SMP04 with power off unless the
input current’s value is limited to less than 10 mA.
Track-and-holds are sensitive to layout and physical connections.
For the best performance, the SMP04 should not be socketed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com