Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 11 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 11 Page - Analog Devices

Back Button SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices SMP04_15 Datasheet HTML 10Page - Analog Devices SMP04_15 Datasheet HTML 11Page - Analog Devices SMP04_15 Datasheet HTML 12Page - Analog Devices SMP04_15 Datasheet HTML 13Page - Analog Devices SMP04_15 Datasheet HTML 14Page - Analog Devices SMP04_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SMP04
–11–
REV. D
POSITIVE AND NEGATIVE PEAK DETECTOR WITH
HOLD CONTROL (Figure 21)
In this application the top amplifier (Amplifier A) is the positive
peak detector and the bottom amplifier (Amplifier B) is the
negative peak detector. Operation can be analyzed as follows:
Assume that the
S/H switch is closed. As a positive increasing
voltage is applied to VIN, D2 turns on, and D1 turns off, closing
the feedback loop around Amplifier A and the SMP04, causing
the output to track the input. Conversely, in the negative peak
detector circuit at the bottom, D4 turns off and D3 turns on,
holding the last most negative input voltage on the SMP04.
This voltage is buffered to the VO(NEG) output.
As VIN falls in voltage the above conditions reverse, causing the
most positive peak voltage to be held at VO(POS) output. This
voltage will be held until the input has a more positive voltage
than the previously held peak voltage, or a reset condition is
applied.
An optional HOLD control can be used by applying a logic HIGH
to the
PD/H inputs. This HOLD mode further reduces leakage
current through the reverse-biased diodes (D2 and D4) during
peak hold.
VOUT
NEGATIVE
VSS
DGND
VSS
VSS
–5V
+5V
1/2 OP221
1/2 OP221
–5V
+5V
VOUT
POSITIVE
AMPLIFIER A
AMPLIFIER B
R1
20k
D1
1N914
D2
VDD
1/2 SMP04
R2
100
D
S
Q1
SD214
VIN
( 3.5V)
RESET
PD/H
POSITIVE
PD/H
NEGATIVE
SD214
R3
20k
D3
1N914
R4
100
D
S
Q2
D4
G
G
Figure 21. Positive and Negative Peak Detector with Hold Control
GAIN OF 10 SAMPLE-AND-HOLD (Figure 22)
This application places the SMP04 in a feedback loop of an
amplifier. Because the SMP04 has no sign inversion and the
amplifier has very high open-loop gain, the gain of the circuit is set
by the ratio of the sum of the source and feedback resistances
+12V
VSS
1/4 OP490
+12V
VOUT
0V TO
10V
1/4 SMP04
1k
VIN
0V TO
1.0V
S/H
100k
1N914
8.66k
340
Figure 22. Gain of 10 Sample-and-Hold Amplifier
to the source resistance. When a logic LOW is applied to the
S/H control input, the loop is closed around the OP490,
yielding a gain of 10 (in the example shown) amplifier. When
the
S/H control goes HIGH, the loop opens and the SMP04
holds the last sampled voltage. The loop remains open and the
output is unaffected by the input until a logic LOW is reapplied
to the
S/H control. The pair of back-to-back diodes from the
output of the op amp to the output of the track-and-hold pre-
vents the op amp from saturating when the track-and-hold is in
the hold mode and the loop is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com